Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV9118 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STV9118
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9118 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STV9118 Datasheet HTML 21Page - STMicroelectronics STV9118 Datasheet HTML 22Page - STMicroelectronics STV9118 Datasheet HTML 23Page - STMicroelectronics STV9118 Datasheet HTML 24Page - STMicroelectronics STV9118 Datasheet HTML 25Page - STMicroelectronics STV9118 Datasheet HTML 26Page - STMicroelectronics STV9118 Datasheet HTML 27Page - STMicroelectronics STV9118 Datasheet HTML 28Page - STMicroelectronics STV9118 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
STV9118
25/46
10 - OPERATING DESCRIPTION
10.1 - SUPPLY AND CONTROL
10.1.1 - Power supply and voltage references
The device is designed for a typical value of power supply
voltage of 12 V.
In order to avoid erratic operation of the circuit at
power supply ramp-up or ramp-down, the value of
VCC is monitored. See Figure 1 and electrical
specifications. At switch-on, the device enters a
“normal operation” as the supply voltage exceeds
VCCEn and stays there until it decreases bellow
VCCDis. The two thresholds provide, by their differ-
ence, a hysteresis to bridge potential noise. Out-
side the “normal operation”, the signals on HOut,
BOut and VOut outputs are inhibited and the I2C
bus interface is inactive (high impedance on SDA,
SCL pins, no ACK), all I2C bus control registers
being reset to their default values (see chapter I2C
BUS CONTROL REGISTER MAP on page 21).
Figure 1. Supply voltage monitoring
Internal thresholds in all parts of the circuit are de-
rived from a common internal reference supply
VRefO that is lead out to RefOut pin for external fil-
tering against ground as well as for external use
with load currents limited to IRefO. The filtering is
necessary to minimize interference in output sig-
nals, causing adverse effects like e.g. jitter.
10.1.2 - I2C Bus Control
The I2C bus is a 2 line bi-directional serial commu-
nication bus introduced by Philips. For its general
description, refer to corresponding Philips I2C bus
specification.
This device is an I2C bus slave, compatible with
fast (400kHz) I2C bus protocol, with write mode
slave address of 8C (read mode slave address
8D). Integrators are employed at the SCL (Serial
Clock) input and at the input buffer of the SDA (Se-
rial Data) input/output to filter off the spikes of up to
50ns.
The device supports multiple data byte messages
(with automatic incrementation of the I2C bus sub-
address) as well as repeated Start Condition for
I2C bus subaddress change inside the I2C bus
messages. All I2C bus registers with specified I2C
bus subaddress are of WRITE ONLY type, where-
as the status register providing a feedback infor-
mation to the master I2C bus device has no attrib-
uted I2C bus subaddress and is of READ ONLY
type. The master I2C bus device reads this register
sending directly, after the Start Condition, the
READ device I2C bus slave address (8D) followed
by the register read-out, NAK (No Acknowledge)
signal and the Stop Condition.
For the I2C bus control register map, refer to chap-
ter I2C BUS CONTROL REGISTER MAP on
page 21.
10.2 - SYNC. PROCESSOR
10.2.1 - Synchronization signals
The device has two inputs for TTL-level synchroni-
zation signals, both with hysteresis to avoid erratic
detection and with a pull-down resistor. On H/
HVSyn input, pure horizontal or composite hori-
zontal/vertical signal is accepted. On VSyn input,
only pure vertical sync. signal is accepted. Both
positive and negative polarities may be applied on
either input, see Figure 2. Polarity detector and
programmable inverter are provided on each of
the two inputs. The signal applied on H/HVSyn pin,
after polarity treatment, is directly lead to horizon-
tal part and to an extractor of vertical sync. pulses,
working on principle of integration, see Figure 3.
The vertical sync. signal applied to the vertical de-
flection processor is selected between the signal
extracted from the composite signal on H/HVSyn
input and the one applied on VSyn input. The se-
lector is controlled by VSyncSel I2C bus bit.
Besides the polarity detection, the device is capa-
ble of detecting the presence of sync. signals on
each of the inputs and at the output of vertical
sync. extractor. The information from all detectors
is provided in the I2C bus status register (5 flags:
VDet, HVDet, VExtrDet, VPol, HVPol). The device
is equipped with an automatic mode (switched on
or off by VSyncAuto I2C bus bit) that also uses the
detection information.
Normal operation
hysteresis
VCCEn
VCCDis
t
Disabled
Disabled
V(Vcc)
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com