Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV9118 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STV9118
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9118 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STV9118 Datasheet HTML 25Page - STMicroelectronics STV9118 Datasheet HTML 26Page - STMicroelectronics STV9118 Datasheet HTML 27Page - STMicroelectronics STV9118 Datasheet HTML 28Page - STMicroelectronics STV9118 Datasheet HTML 29Page - STMicroelectronics STV9118 Datasheet HTML 30Page - STMicroelectronics STV9118 Datasheet HTML 31Page - STMicroelectronics STV9118 Datasheet HTML 32Page - STMicroelectronics STV9118 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
STV9118
29/46
generated from the output vertical deflection drive
waveform, they both track with real vertical ampli-
tude and position (including breathing compensa-
tion), thus being fixed on the screen. Refer to I2C
BUS CONTROL REGISTER MAP on page 21 for
details on I2C bus controls.
Figure 7. Horizontal timing diagram
Figure 8. HFly input configuration
10.3.6 - Output Section
The H-drive signal is inhibited (high level) during
flyback pulse, and also when VCC is too low, when
X-ray protection is activated (XRayAlarm I2C bus
flag set to 1) and when I2C bus bit HBOutEn is set
to 0 (default position).
The duty cycle of the H-drive signal is controlled
via I2C bus register
HDUTY. This is overruled dur-
ing soft-start and soft-stop procedures (see sub
chapter Soft-start and soft-stop on H-drive on
page 29 and Figure 10).
The PLL2 is followed by a rapid phase shifting
which accepts the signal from H-moiré canceller
(see sub chapter Horizontal moiré cancellation on
page 29)
The output stage consists of a NPN bipolar tran-
sistor, the collector of which is routed to HOut pin
(see Figure 9).
Figure 9. HOut configuration
Non-conductive state of HOT (Horizontal Output
Transistor) must correspond to non-conductive
state of the device output transistor.
10.3.7 - Soft-start and soft-stop on H-drive
The soft-start and soft-stop procedure is carried
out at each switch-on or switch-off of the H-drive
signal, either via HBOutEn I2C bus bit or after re-
set of XRayAlarm I2C bus flag, to protect external
power components. By its second function, the ex-
ternal capacitor on pin HPosF is used to time out
this procedure, during which the duty cycle of H-
drive signal starts at its maximum (“tHoff/TH for soft
start/stop” in electrical specifications) and slowly
decreases to the value determined by the control
I2C bus register
HDUTY (vice versa at soft-stop).
This is controlled by voltage on pin HPosF. See
Figure 10 and sub chapter Safety functions on
page 36.
10.3.8 - Horizontal moiré cancellation
The horizontal moiré canceller is intended to blur a
potential beat between the horizontal video pixel
period and the CRT pixel width, which causes vis-
ible moiré patterns in the picture.
On pin HMoiré, in position “External” of I2C bus bit
HMoiMode, it generates a square line-synchro-
nized waveform with amplitude adjustable through
HMOIRE I2C bus control. In position “Internal” of
I2C bus bit HMoiMode, it introduces a microscopic
indent on horizontal scan lines by injecting little
controlled phase shifts to output circuitry of the
horizontal section. Their amplitude is adjustable
through
HMOIRE I2C bus control.
Only one H-moiré, internal or external, is generat-
ed at a time.
H-flyback
PLL2
H-drive
current
VThrHFly
control
+
-
(on HOut)
tS
tHoff
H-drive
region
H-drive
region
tph(max)
inhibited
tS: HOT storage time
H-Osc
VS(0)
7/8TH
TH
VHOThrHi
max.
med.
min.
VHPosF
H-sync
(polarized)
REF1
tHph
min
max
HPOS
(I2C)
max.
med.
min.
PLL1 lock
(internal)
VHOThrLo
(VCO)
control
ON
forced high
forced low
OFF
ON
GND
~20k
HFly 12
~500
int.
ext.
26
int.
ext.
HOut



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com