Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV9118 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STV9118
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9118 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STV9118 Datasheet HTML 17Page - STMicroelectronics STV9118 Datasheet HTML 18Page - STMicroelectronics STV9118 Datasheet HTML 19Page - STMicroelectronics STV9118 Datasheet HTML 20Page - STMicroelectronics STV9118 Datasheet HTML 21Page - STMicroelectronics STV9118 Datasheet HTML 22Page - STMicroelectronics STV9118 Datasheet HTML 23Page - STMicroelectronics STV9118 Datasheet HTML 24Page - STMicroelectronics STV9118 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
STV9118
21/46
9 - I2C BUS CONTROL REGISTER MAP
The device slave address is 8C in write mode and 8D in read mode.
Bold weight denotes default value at Power-On-Reset.
I2C Bus data in the adjustment register is buffered and internally applied with discharge of the vertical os-
cillator (44).
In order to ensure compatibility with future devices, all “Reserved” bits should be set to 0.
Sad
D7
D6
D5
D4
D3
D2
D1
D0
WRITE MODE (SLAVE ADDRESS = 8C)
00
HDutySyncV
1: Synchro.
0: Asynchro.
HDUTY
(Horizontal duty cycle)
0
0
0
0
0
0
0
01
HPOS
(Horizontal position)
Reserved
1
0
000
00
02
HMoiré
1: Separated
0: Combined
HMOIRE
(Horizontal moiré amplitude)
0
000
00
0
03
B+SyncV
0: Asynchro.
BREF
(B+reference)
1
000
00
0
04
Reserved
Reserved
05
Reserved
Reserved
06
Reserved
Reserved
07
BOutPh
0: H-flyback
1: H-drive
VSIZE
(Vertical size)
1
000
00
0
08
EWTrHFr
0: No tracking
VPOS
(Vertical position)
1
000
00
0
09
Reserved
SCOR
(S-correction)
1
000
00
0
0A
Reserved
CCOR
(C-correction)
1
000
00
0
0B
Reserved
VMOIRE
(Vertical moiré amplitude)
0
000
00
0
0C
Reserved
PCC
(Pin cushion correction)
1
000
00
0
0D
Reserved
KEYST
(Keystone correction)
1
000
00
0
0E
Reserved
TCC
(Top corner correction)
1
000
00
0
0F
Reserved
BCC
(Bottom corner correction)
1
000
00
0
10
HSIZE
(Horizontal size)
Reserved
1
0
000
00
11
Reserved
PCAC
(Pin cushion asymmetry correction)
1
000
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com