Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV9118 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STV9118
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9118 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STV9118 Datasheet HTML 13Page - STMicroelectronics STV9118 Datasheet HTML 14Page - STMicroelectronics STV9118 Datasheet HTML 15Page - STMicroelectronics STV9118 Datasheet HTML 16Page - STMicroelectronics STV9118 Datasheet HTML 17Page - STMicroelectronics STV9118 Datasheet HTML 18Page - STMicroelectronics STV9118 Datasheet HTML 19Page - STMicroelectronics STV9118 Datasheet HTML 20Page - STMicroelectronics STV9118 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
STV9118
17/46
7.9 - MISCELLANEOUS
VCC = 12V, Tamb = 25°C
Note 39: Current sunk by the pin if the external voltage is higher than one the circuit tries to force.
Note 40: The threshold is equal to actual VRefO.
Note 41: In the regions of VCC where the device’s operation is disabled, the H-drive, V-drive and B+-drive signals on
HOut, VOut and BOut pins, resp., are inhibited, the I2C Bus does not accept any data and the
XRayAlarm
flag is reset. Also see Figure 15
Note 42: See Figure 10
Symbol
Parameter
Test Conditions
Value
Units
Min.
Typ.
Max.
Vertical blanking and horizontal lock indication composite output HLckVBk
ISinkLckBk
Sink current to HLckVBk pin
(39)
TBD
µA
VOLckBk
Output voltage on HLckVBk output
0.1
1.1
5
6
V
V
V
V
Horizontal moiré canceller
Modulation of TH by H-moiré function
HMoiMode=0 (internal)
HMOIRE (Sad02):
x0000000b
x1111111b
0
0.04
%
%
VHMoiré
H-moiré pulse amplitude on HMoiré pin
HMoiMode=1 (external)
Rext=10k
Ω
HMOIRE (Sad02):
x0000000b
x1111111b
0.1
2.1
V
V
Vertical moiré canceller
VV-moiré
Amplitude of modulation of V-drive sig-
nal on VOut pin by vertical moiré.
VMOIRE (Sad0Bh):
x0000000b
x1111111b
0
3
mV
mV
Protection functions
VThrXRay
Input threshold on XRay input(40)
7.65
7.9
8.2
V
tXRayDelay
Delay time between XRay detection
event and protection action
2TH
VCCEn
VCC value for start of operation at VCC
ramp-up(41)
8.5
V
VCCDis
VCC value for stop of operation at VCC
ramp-down(41)
6.5
V
Control voltages on HPosF pin for Soft start/stop operation(18)(42)
VHOn
Threshold for start/stop of H-drive sig-
nal
1V
VBOn
Threshold for start/stop of B-drive sig-
nal
1.7
V
VHBNorm f
Threshold for full operational duty cycle
of H-drive and B-drive signals
2.4
VHPos
Voltage on HPosF pin as function of ad-
justment of
HPOS register
Normal operation
HPOS (Sad01)
0000000xb
1111111xb
4.0
2.8
V
V
V.blank
H.lock
No
Yes
Yes
Yes
No
No
Yes
No
T
HH
moire
–
()
∆
T
H
---------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com