Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV9118 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STV9118
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9118 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STV9118 Datasheet HTML 31Page - STMicroelectronics STV9118 Datasheet HTML 32Page - STMicroelectronics STV9118 Datasheet HTML 33Page - STMicroelectronics STV9118 Datasheet HTML 34Page - STMicroelectronics STV9118 Datasheet HTML 35Page - STMicroelectronics STV9118 Datasheet HTML 36Page - STMicroelectronics STV9118 Datasheet HTML 37Page - STMicroelectronics STV9118 Datasheet HTML 38Page - STMicroelectronics STV9118 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
STV9118
35/46
During the operation, a sawtooth is to be found on
pin BISense, generated externally by the applica-
tion. According to BOutPh I2C bus bit, the R-S flip-
flop is set either at H-drive signal edge (rising or
falling, depending on BOHEdge I2C bus bit), or a
certain delay (tBTrigDel /TH) after middle of H-fly-
back. The output is set On at the end of a short
pulse generated by the monostable trigger.
Timing of reset of the R-S flip-flop affects duty cy-
cle of the output square signal and so the energy
transferred from DC/DC converter input to its out-
put. A reset edge is provided by comparator C2 if
the voltage on pin BISense exceeds the internal
threshold VThrBIsCurr. This represents current limi-
tation if a voltage proportional to the current
through the power component or deflection stage
is available on pin BISense. This threshold is af-
fected by the voltage on pin HPosF, which rises at
soft start and descends at soft stop. This ensures
self-contained soft control of duty cycle of the out-
put signal on pin BOut. Refer to Figure 10. Another
condition for the reset of the R-S flip-flop, OR-ed
with the one described before, is that the voltage
on pin BISense exceeds the voltage VC1, which
depends on the voltage applied on input BISense
of the error amplifier O1. The two voltages are
compared, and the reset signal generated by the
comparator C1. The error amplifier amplifies (with
a factor defined by external components) the dif-
ference between the input voltage proportional to
DC/DC convertor output voltage and internal refer-
ence VBReg. The internal reference and so the out-
put voltage is I2C bus adjustable by means of
BREF I2C bus control.
DC/DC controller Off-to-On edge timing
Figure 14. DC/DC converter controller block diagram
BOutPh
(Sad07/
D7)
BOHEdge
(Sad17/
D3)
Timing of Off-to-On transition
on BOut output
0
don’t care Middle of H-flyback plus tBTrigDel
1
0
Falling edge of H-drive signal
1
1
Rising edge of H-drive signal
C1
BRegIn
BComp
BIsense
BOut
Soft start
H-drive edge
H-flyback
+
-
+
-
+
-
S
Q
R
~500ns
Monostable
HBOutEn
VCC
Feedback
C2
XRayAlarm
(I2C)
BOutPh
(I2C)
HPosF
VThrBIsCurr
(+delay)
BOHEdge
(I2C)
2R
R
VBReg
I1
VC1
O1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com