Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV9118 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STV9118
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9118 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STV9118 Datasheet HTML 30Page - STMicroelectronics STV9118 Datasheet HTML 31Page - STMicroelectronics STV9118 Datasheet HTML 32Page - STMicroelectronics STV9118 Datasheet HTML 33Page - STMicroelectronics STV9118 Datasheet HTML 34Page - STMicroelectronics STV9118 Datasheet HTML 35Page - STMicroelectronics STV9118 Datasheet HTML 36Page - STMicroelectronics STV9118 Datasheet HTML 37Page - STMicroelectronics STV9118 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
STV9118
34/46
Figure 13. EWOut output waveforms
10.6 - DYNAMIC CORRECTION OUTPUT SECTION
10.6.1 - Vertical dynamic correction output
VDyCor
A parabola at vertical deflection frequency is avail-
able on pin VDyCor. Its amplitude is adjustable via
VDC-AMP I2C bus control and polarity controlled
via VDyCorPol I2C bus bit. It tracks with real verti-
cal amplitude and position (including breathing
compensation). It is also affected by C- and S-cor-
rections.
The signal is buffered by an NPN emitter follower,
the emitter of which is routed to VDyCor output,
with an internal resistor to ground
The use of the correction waveform is up to the ap-
plication (e.g. dynamic focus).
10.7 - DC/DC CONTROLLER SECTION
The section is designed to control a switch-mode
DC/DC converter. A switch-mode DC/DC conver-
tor generates a DC voltage from a DC voltage of
different value (higher or lower) with little power
losses. The DC/DC controller is synchronized to
horizontal deflection frequency to minimize poten-
tial interference into the picture.
Its operation is similar to that of standard UC3842.
The schematic diagram of the DC/DC controller is
in Figure 14. The BOut output controls an external
switching circuit (a MOS transistor) delivering
pulses synchronized on horizontal deflection fre-
quency, the phase of which depends on I2C bus
configuration, see the table at the end of this chap-
ter. Their duration depends on feedback provided
to the circuit, generally a copy of DC/DC converter
output voltage and a copy of current passing
through the DC/DC converter circuitry (e.g. current
through external power component). A NPN tran-
sistor open-collector is routed out to the BOut pin.
Keystone
PCC
Top
Bottom
Corners
Vertical sawtooth
alone
alone
tVR
V(VCap)
0
TVR
TVR
TVR
0
0
V(EWOut)
alone
VEW-PCC
VEW-TCor
VEW-BCor
VEW-Key
VEW-DC
V(HEHT)
VRefO
VHEHT(min)
HSIZE (I2C)
min
imu
m
med
ium
max
imu
m
VEW(min)
VEW(max)
Vertical sawtooth
tVR
V(VCap)
0
TVR
TVR
TVR
0
0
VRefO
VHEHT(min)
Breathing
compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com