Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC24045 Datasheet(PDF) 22 Page - Microchip Technology

Part # MIC24045
Description  I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24045 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MIC24045 Datasheet HTML 18Page - Microchip Technology MIC24045 Datasheet HTML 19Page - Microchip Technology MIC24045 Datasheet HTML 20Page - Microchip Technology MIC24045 Datasheet HTML 21Page - Microchip Technology MIC24045 Datasheet HTML 22Page - Microchip Technology MIC24045 Datasheet HTML 23Page - Microchip Technology MIC24045 Datasheet HTML 24Page - Microchip Technology MIC24045 Datasheet HTML 25Page - Microchip Technology MIC24045 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
MIC24045
DS20005568A-page 22
 2016 Microchip Technology Inc.
5.0
REGISTERS MAPS AND I2C
PROGRAMMABILITY
The MIC24045 internal registers are summarized in
Table 5-1, below.
TABLE 5-1:
MIC24045 REGISTER MAP
Register
Address
Register
Name
Type
B7
B6
B5
B4
B3
B2
B1
B0
0h
Status
RO
OCF
ThSDF
ThWrnF Reserved
EnS
Reserved Reserved
PGS
1h
Setting 1
RW
ILIM1
ILIM0
Freq2
Freq1
Freq0
Reserved Reserved Reserved
2h
Setting 2
RW Reserved
SUDly2
SUDly1
SUDly0
Mrg1
Mrg0
SS1
SS0
3h
VOUT
RW
VOUT7
VOUT6
VOUT5
VOUT4
VOUT3
VOUT2
VOUT1
VOUT0
4h
Command
RW Reserved Reserved Reserved Reserved Reserved Reserved Reserved
ClFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com