Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC24045 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC24045
Description  I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24045 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC24045 Datasheet HTML 8Page - Microchip Technology MIC24045 Datasheet HTML 9Page - Microchip Technology MIC24045 Datasheet HTML 10Page - Microchip Technology MIC24045 Datasheet HTML 11Page - Microchip Technology MIC24045 Datasheet HTML 12Page - Microchip Technology MIC24045 Datasheet HTML 13Page - Microchip Technology MIC24045 Datasheet HTML 14Page - Microchip Technology MIC24045 Datasheet HTML 15Page - Microchip Technology MIC24045 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
MIC24045
DS20005568A-page 12
 2016 Microchip Technology Inc.
Note:
Unless otherwise indicated, VIN =12V, fS = 660 kHz, ILIM =ILIM_LS3, L = 2.2 µH, TA =+25°C.
FIGURE 2-23:
VIN Turn-on (EN = VDDA, no
I2C programming, registers default values for 2Z
version), RLOAD =0.3.
FIGURE 2-24:
VIN Turn-off (EN = VDDA),
RLOAD =0.3.
FIGURE 2-25:
EN Turn-on, RLOAD =0.3.
FIGURE 2-26:
EN Turn-off, RLOAD =0.3.
FIGURE 2-27:
EN Turn-on into pre-biased
output (Vpre-bias =0.5V).
FIGURE 2-28:
EN Turn-on into pre-biased
output (Vpre-bias =0.8V).
VIN
5V/div
VOUT
500 mV/div
PG
5V/div
4ms/div
IL
2A/div
VIN
5V/div
VOUT
500 mV/div
PG
5V/div
IL
2A/div
4ms/div
EN
2V/div
VOUT
500 mV/div
PG
5V/div
IL
2A/div
2ms/div
EN
2V/div
VOUT
500 mV/div
PG
5V/div
IL
2A/div
80 µs/div
EN
2V/div
VOUT
500 mV/div
PG
5V/div
IL
2A/div
2ms/div
EN
2V/div
VOUT
500 mV/div
PG
5V/div
IL
2A/div
2ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com