Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC24045 Datasheet(PDF) 37 Page - Microchip Technology

Part # MIC24045
Description  I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24045 Datasheet(HTML) 37 Page - Microchip Technology

Back Button MIC24045 Datasheet HTML 33Page - Microchip Technology MIC24045 Datasheet HTML 34Page - Microchip Technology MIC24045 Datasheet HTML 35Page - Microchip Technology MIC24045 Datasheet HTML 36Page - Microchip Technology MIC24045 Datasheet HTML 37Page - Microchip Technology MIC24045 Datasheet HTML 38Page - Microchip Technology MIC24045 Datasheet HTML 39Page - Microchip Technology MIC24045 Datasheet HTML 40Page - Microchip Technology MIC24045 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
 2016 Microchip Technology Inc.
DS20005568A-page 37
MIC24045
8.5.3
SINGLE READ
This reads a single byte from a device, from a desig-
nated register. The register is specified through the
command byte.
The Read command is as follows and it is illustrated in
the timing diagram of Figure 8-5 below.
1.
Send START sequence
2.
Send 7-bit slave address
3.
Send the R/W bit - 0 to indicate a write operation
4.
Wait for acknowledge from the slave
5.
Send the register address that needs to be read
6.
Wait for acknowledge from the slave
7.
Send START sequence again (Repeated
START condition)
8.
Send the 7-bit slave address
9.
Send R/W bit - 1 to indicate a read operation
10. Wait for acknowledge from the slave
11. Receive the 8-bit data from the slave starting
from MSB
12. Acknowledge from the master. On the received
byte, the master receiver issues a NACK in
place of ACK to signal the end of the data
transfer.
13. Send STOP sequence
FIGURE 8-5:
Single Read Timing Diagram.
SDA
S
0
A
A
START
condition
ACK from Slave
Slave address
Command byte
ACK from
Slave
Sr
1
A
A
(repeated)
START condition
R/W
ACK from Slave
Slave address
Data from register
STOP
condition
DATA (first byte)
R/W
At this moment master-transmitter becomes master-receiver
and slave-receiver becomes slave-transmitter
P
(cont.)
* * *
(cont.)
* * *
Note:
Attempts to read from a non-existing
register location will generate a reject
action (NACK) by the MIC24045 after the
command byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com