Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC24045 Datasheet(PDF) 34 Page - Microchip Technology

Part # MIC24045
Description  I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24045 Datasheet(HTML) 34 Page - Microchip Technology

Back Button MIC24045 Datasheet HTML 30Page - Microchip Technology MIC24045 Datasheet HTML 31Page - Microchip Technology MIC24045 Datasheet HTML 32Page - Microchip Technology MIC24045 Datasheet HTML 33Page - Microchip Technology MIC24045 Datasheet HTML 34Page - Microchip Technology MIC24045 Datasheet HTML 35Page - Microchip Technology MIC24045 Datasheet HTML 36Page - Microchip Technology MIC24045 Datasheet HTML 37Page - Microchip Technology MIC24045 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
MIC24045
DS20005568A-page 34
 2016 Microchip Technology Inc.
8.0
I2C INTERFACE DESCRIPTION
The I2C bus is for 2-way, 2-line communication
between different ICs or modules. The two lines are: a
serial data line (SDA) and a serial clock line (SCL).
Both lines must be connected to a positive supply via a
pull-up resistor. Data transfer may be initiated only
when the bus is not busy. MIC24045 is a slave-only
device (i.e., it cannot generate a SCL signal and does
not have SCL clock stretching capability). Every data
transfer to and from the MIC24045 must be initiated by
a master device which drives the SCL line.
The MIC24045 is a Fast mode device, supporting data
transfers at up to 400 Kbit/s.
The MIC24045 device assumes that the I2C logic levels
on the bus are generated by a device operating from a
nominal supply voltage of 3.3V (with +/-10% tolerance).
Therefore, VIH and VIL are not related to the VDDA value
of the MIC24045. The SDA and SCL lines must not be
pulled up to the VDDA voltage of the MIC24045, but to
the I2C master interface supply voltage (3.3V nominal).
FIGURE 8-1:
Bit Transfer.
8.1
Bit Transfer
One data bit is transferred during each clock pulse. The
data on the SDA line must remain stable during the
HIGH period of the clock pulse as changes in the data
line at this time will be interpreted as control signals.
8.2
START and STOP Conditions
Both data and clock lines remain HIGH when the bus is
not busy. A HIGH-to-LOW transition of the data line
while the clock is HIGH is defined as the START (S) or
repeated START (Sr) condition. A LOW-to-HIGH tran-
sition of the data line while the clock is HIGH is defined
as the STOP condition (P). START and STOP condi-
tions are always generated by the master. The bus is
considered to be busy after the START condition. The
bus is considered to be free again a certain time after
the STOP condition. The bus stays busy if a repeated
START (Sr) is generated instead of a STOP condition.
FIGURE 8-2:
START and STOP Conditions.
SDA
SCL
Data line stable;
data valid
Change of data
allowed
SDA
SCL
S
P
SDA
SCL
START condition
STOP condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com