Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC24045 Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC24045
Description  I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24045 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC24045 Datasheet HTML 10Page - Microchip Technology MIC24045 Datasheet HTML 11Page - Microchip Technology MIC24045 Datasheet HTML 12Page - Microchip Technology MIC24045 Datasheet HTML 13Page - Microchip Technology MIC24045 Datasheet HTML 14Page - Microchip Technology MIC24045 Datasheet HTML 15Page - Microchip Technology MIC24045 Datasheet HTML 16Page - Microchip Technology MIC24045 Datasheet HTML 17Page - Microchip Technology MIC24045 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
MIC24045
DS20005568A-page 14
 2016 Microchip Technology Inc.
Note:
Unless otherwise indicated, VIN =12V, fS = 660 kHz, ILIM =ILIM_LS3, L = 2.2 µH, TA =+25°C.
FIGURE 2-35:
Switching Waveforms -
fS = 660 kHz, IOUT =0A.
FIGURE 2-36:
Switching Waveforms -
fS = 660 kHz, IOUT =5A.
FIGURE 2-37:
Load Transient Response
with ILIM =ILIM_LS0.
FIGURE 2-38:
Load Transient Response
with ILIM =ILIM_LS3.
FIGURE 2-39:
Line Transient Response.
VOUT
2mV/div
AC coupled
IL
1A/div
VIN
5V/div
SW
5V/div
1µs/div
VOUT
2mV/div
AC coupled
IL
2A/div
VIN
5V/div
SW
5V/div
1µs/div
VOUT
50 mV/div
AC coupled
IL
2A/div
IOUT
2A/div
PG
5V/div
80 µs/div
Step from 0.2A to 2A
VOUT
100 mV/div
AC coupled
IL
5A/div
IOUT
5A/div
PG
5V/div
80 µs/div
Step from 0.5A to 5A
VOUT
5mV/div
AC coupled
VIN
2V/div
PG
5V/div
1ms/div
Step from 11.8V to 13.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com