Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC24045 Datasheet(PDF) 28 Page - Microchip Technology

Part # MIC24045
Description  I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24045 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MIC24045 Datasheet HTML 24Page - Microchip Technology MIC24045 Datasheet HTML 25Page - Microchip Technology MIC24045 Datasheet HTML 26Page - Microchip Technology MIC24045 Datasheet HTML 27Page - Microchip Technology MIC24045 Datasheet HTML 28Page - Microchip Technology MIC24045 Datasheet HTML 29Page - Microchip Technology MIC24045 Datasheet HTML 30Page - Microchip Technology MIC24045 Datasheet HTML 31Page - Microchip Technology MIC24045 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
MIC24045
DS20005568A-page 28
 2016 Microchip Technology Inc.
7.0
APPLICATION INFORMATION
7.1
Programming External UVLO
The EN pin can be used to program an automatic
turn-on of the MIC24045 when the VIN (or VINLDO)
power rails have exceeded a desired threshold. This
programmable UVLO function
is achieved
as
described in Figure 7-1.
FIGURE 7-1:
Programmable External
UVLO Function.
The programmed VIN UVLO threshold VIN_RISE is
given by:
EQUATION 7-1:
To desensitize the VIN UVLO threshold against varia-
tions of the pull-up current EN_I, it is recommended to
run the R1-R2 voltage divider at a significantly higher
current level than the EN_I current.
The corresponding VIN UVLO hysteresis, VIN_HYS, is
calculated as follows:
EQUATION 7-2:
7.2
Output Voltage Sensing
To achieve accurate output voltage regulation, the
OUTSNS pin (internal feedback divider top terminal)
should be Kelvin-connected as close as possible to the
point-of-regulation top terminal. Since both the internal
reference and the internal feedback divider’s bottom
terminal refer to AGND, it is important to minimize
voltage
drops
between
the
AGND and the
point-of-regulation return terminal.
7.3
VOUT On-The-Fly Changes
It is possible to change the output voltage on-the-fly
during power delivery by writing a different value to
Register 5-4 (Address 3h). Note that VOUT changes are
possible only within each VOUT range, as specified in
the VOUT selection table in Register 5-4.
The transition from one particular VOUT value to
another is under control of the I2C interface. The num-
ber of steps from one code to another and the speed of
the transition are left to the end user.
Single Write instructions separated by a Repeated
START (Sr) can be used to update Register 5-4 multi-
ple subsequent times, without releasing the I2C bus.
Please refer to section Section 8.5.2 “Single Write
with Repeated Start (Sr)”
for more details.
The minimum tSU_STA specification (set-up time for a
repeated START condition), the SCL frequency and the
length of the Single Write message (3 bytes) dictate a
limitation on the maximum update rate of the VOUT
code at Register 5-4.
Ramping down the output voltage at no or light load
implies inductor current reversal (i.e., the MIC24045
will be sinking current from the output capacitor). The
larger the output capacitor value, the larger the reverse
inductor current will be for a given negative VOUT vari-
ation.The voltage steps and the ramping step rate
should be small enough to maintain a safe level of
reverse current magnitude. This is especially important
when using large output capacitors.
7.4
Inductor Selection and Slope
Compensation
When selecting an inductor, it is important to consider
the following factors:
• Inductance
• Rated Current value
• Size requirements
• DC Resistance (DCR)
• Core losses
EN
Enable
Comparator
R2
R1
EN_I
2 µA
AGND
EN_R
1.21V
VINLDO
Enable
Power
Delivery
135 mV
VIN
V
IN_RISE
EN_R
1
R2
R1
-------
+


EN_I
R2
+
=
where:
EN_R
= 1.21V
EN_I
= 2 µA
RI, R2
= External resistors
V
IN_HYS
135 mV
1
R2
R1
-------
+


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com