Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC24045 Datasheet(PDF) 38 Page - Microchip Technology

Part # MIC24045
Description  I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24045 Datasheet(HTML) 38 Page - Microchip Technology

Back Button MIC24045 Datasheet HTML 34Page - Microchip Technology MIC24045 Datasheet HTML 35Page - Microchip Technology MIC24045 Datasheet HTML 36Page - Microchip Technology MIC24045 Datasheet HTML 37Page - Microchip Technology MIC24045 Datasheet HTML 38Page - Microchip Technology MIC24045 Datasheet HTML 39Page - Microchip Technology MIC24045 Datasheet HTML 40Page - Microchip Technology MIC24045 Datasheet HTML 41Page - Microchip Technology MIC24045 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
MIC24045
DS20005568A-page 38
 2016 Microchip Technology Inc.
8.5.4
BLOCK READ (AUTO INCREMENT
MODE)
This command reads a block of bytes, starting from a
designated register that is specified through the com-
mand byte. Bit<6> of the command byte indicates the
Auto-Increment mode. If this bit is set, the address gets
incremented by one automatically and the registers are
read in order, starting from the address provided by the
command byte.
The Block/Auto-Increment Read command is as
follows and it is illustrated in the timing diagram of
Figure 8-6.
1.
Send START sequence
2.
Send 7-bit slave address
3.
Send the R/W bit - 0 to indicate a write operation
4.
Wait for acknowledge from the slave
5.
Send the command byte – address that needs to
be read with Bit<6> set high to indicate the
Auto-Increment Read mode.
6.
Wait for acknowledge from the slave
7.
Send START sequence again
8.
Send the 7-bit slave address
9.
Send R/W bit - 1 to indicate a read operation
10. Wait for acknowledge from the slave
11. Receive the 8-bit data from the slave register
indicated in step 5, starting from MSB
12. Acknowledge from the master receiver. On the
last byte, master receiver issues a NACK in
place of ACK to signal the end of the data
transfer.
13. Repeat steps 11 and 12 until last byte
14. STOP sequence is sent
FIGURE 8-6:
Block Read Timing Diagram.
In Block Read Auto-Increment mode, the master
receiver must signal an end-of-data to the transmitter
by not generating an acknowledge on the last byte that
has been clocked out of the slave. In this event, the
transmitter must leave the data line HIGH to enable the
master to generate a STOP condition.
If the master keeps reading beyond the valid
user-accessible register locations, the content of inter-
nal test registers will be streamed out until location
15 (Fh) is reached. After that, the read operation
wraps-around and restarts from register location 0h
and so on, until the master stops reading.
SDA
S
0
A
A
START condition
ACK from Slave
Slave address
Command byte
ACK from Slave
Sr
1
A
A
(repeated)
START condition
R/W
ACK from Slave
Slave address
Data from register X+n
STOP condition
DATA (first byte)
R/W
At this moment master-transmitter becomes master-receiver
and slave-receiver becomes slave-transmitter
P
* * *
(cont.)
* * *
1
(cont.)
* * *
A
Data from register X
DATA (first byte)
Data from register X+1
DATA (first byte)
A
Note:
If the master is using a non-existing regis-
ter location in the command byte, a reject
(NACK) will be generated by the
MIC24045.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com