Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC24045 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC24045
Description  I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24045 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC24045 Datasheet HTML 7Page - Microchip Technology MIC24045 Datasheet HTML 8Page - Microchip Technology MIC24045 Datasheet HTML 9Page - Microchip Technology MIC24045 Datasheet HTML 10Page - Microchip Technology MIC24045 Datasheet HTML 11Page - Microchip Technology MIC24045 Datasheet HTML 12Page - Microchip Technology MIC24045 Datasheet HTML 13Page - Microchip Technology MIC24045 Datasheet HTML 14Page - Microchip Technology MIC24045 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
 2016 Microchip Technology Inc.
DS20005568A-page 11
MIC24045
Note:
Unless otherwise indicated, VIN =12V, fS = 660 kHz, ILIM =ILIM_LS3, L = 2.2 µH, TA =+25°C.
FIGURE 2-19:
Load Regulation: OUTSNS
Voltage vs. IOUT.
FIGURE 2-20:
Load Regulation: OUTSNS
Voltage vs. IOUT.
FIGURE 2-21:
Load Regulation: OUTSNS
Voltage vs. IOUT.
FIGURE 2-22:
Load Regulation: OUTSNS
Voltage vs. IOUT.
0.993
0.994
0.995
0.996
0.997
0.998
0.999
012345
I
OUT (A)
V
OUT = 1.0V
f
s = 660 kHz
1.798
1.799
1.8
1.801
1.802
012345
I
OUT (A)
V
OUT = 1.8V
f
s = 660 kHz
3.302
3.303
3.304
3.305
3.306
3.307
012345
I
OUT (A)
V
OUT = 3.3V
f
s = 660 kHz
5.01
5.011
5.012
5.013
5.014
5.015
5.016
5.017
5.018
5.019
5.02
012345
I
OUT (A)
V
OUT = 5V
f
s = 660 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com