Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC24045 Datasheet(PDF) 29 Page - Microchip Technology

Part # MIC24045
Description  I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24045 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MIC24045 Datasheet HTML 25Page - Microchip Technology MIC24045 Datasheet HTML 26Page - Microchip Technology MIC24045 Datasheet HTML 27Page - Microchip Technology MIC24045 Datasheet HTML 28Page - Microchip Technology MIC24045 Datasheet HTML 29Page - Microchip Technology MIC24045 Datasheet HTML 30Page - Microchip Technology MIC24045 Datasheet HTML 31Page - Microchip Technology MIC24045 Datasheet HTML 32Page - Microchip Technology MIC24045 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
 2016 Microchip Technology Inc.
DS20005568A-page 29
MIC24045
The inductance value is critical to the operation of
MIC24045.
Since
the
MIC24045
is
a
valley
current-mode regulator, it needs a slope compensation
for the stable current loop operation where duty cycles
are below 50%. Slope compensation is internally
programmed according to the frequency, output
voltage and nominal load current selection, assuming
there is a minimum inductance value for the given
operating condition.
Table 7-1 lists the assumed minimum inductor values
recommended for stable current-loop operation. Note
that the minimum suggested inductance values should
be met when taking into account the inductor tolerance
and its change with current level.
The slope compensation is also internally adapted to
the input-output voltage differential.
In practical implementations of valley current-mode
control, slope compensation is also added to any duty
cycle larger than 50% as part of improving current loop
stability and noise immunity for all input and output volt-
age ranges. Consequently, the MIC24045 adds internal
slope compensation signal up to 80% duty cycle.
Above this, no slope compensation is added. For this
reason, the PWM modulator gain exhibits an abrupt
change when the duty cycle exceeds 80%, possibly
leading to some increase in jitter and noise susceptibil-
ity. If operation around and above 80% duty cycle is
considered, a more conservative design of the com-
pensation loop might help in reducing jitter and noise
sensitivity.
Inductor current ratings are generally stated as
permissible DC current and saturation current.
Permissible DC current can be rated for a +20°C to
+40°C temperature rise. Saturation current can be
rated for a 10% to 30% loss in inductance. Ensure that
the nominal current of the application is well within the
permissible DC current ratings of the inductor,
depending on the allowed temperature rise. Note that
the inductor permissible DC current rating typically
does not include inductor core losses. These are very
important contributors of total inductor core loss and
temperature increase in high-frequency DC/DC
converters because core losses increase rapidly with
the excitation frequency.
When saturation current is specified, make sure that
there are enough design margins so the peak current
does not cause the inductor to enter deep saturation.
Pay attention to the inductor saturation characteristic in
current limit. The inductor should not heavily saturate,
even in current limit operation. If there is heavy satura-
tion, the current may instantaneously run away and
reach
potentially
destructive
levels.
Typically,
ferrite-core inductors exhibit an abrupt saturation char-
acteristic, while powdered-iron or composite inductors
have a soft-saturation characteristic. Peak current can
be calculated with Equation 7-3.
EQUATION 7-3:
As shown in Equation 7-3, the peak inductor current
decreases with the switching frequency and the
inductance. At a given IOUT load current, the lower the
switching frequency or inductance, the higher the peak
current. As input voltage increases, the peak current
also increases.
7.5
Output Capacitor Selection
Two main requirements determine the size and
characteristics of the output capacitor COUT:
• Steady-state ripple
• Maximum voltage deviation during load transient
For steady-state ripple calculation, both the ESR and
the capacitive ripple contribute to the total ripple
amplitude.
TABLE 7-1:
MINIMUM RECOMMENDED INDUCTANCE VALUES
Nominal
IOUT
VOUT
Minimum Inductance LMIN (µH)
3A-4A-5A
0.64V-1.28V
1.27
0.97
0.78
0.68
0.58
0.49
0.39
0.29
3A-4A-5A
1.29V-1.95V
1.96
1.51
1.21
1.06
0.91
0.76
0.61
0.45
3A-4A-5A
1.98V-3.42V
3.14
2.42
1.94
1.70
1.46
1.21
0.97
0.73
3A-4A-5A
4.57V-5.25V
3.69
2.36
2.27
1.99
1.70
1.42
1.14
0.85
2A
0.64V-1.28V
2.52
1.94
1.55
1.36
1.16
0.97
0.78
0.58
2A
1.29V-1.95V
4.07
3.13
2.50
2.18
1.87
1.56
1.25
0.94
2A
1.98V-3.42V
6.53
5.03
4.01
3.52
3.02
2.52
2.01
1.51
2A
4.57V-5.25V
9.14
6.99
5.60
4.91
4.18
3.49
2.80
2.10
310
400
500
570
660
780
970
1200
I
L,PEAK
I
OUT
V
OUT
1V
OUT VIN
–
2fs
L
-----------------------------------


+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com