Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP19124 Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 33Page - Microchip Technology MCP19124 Datasheet HTML 34Page - Microchip Technology MCP19124 Datasheet HTML 35Page - Microchip Technology MCP19124 Datasheet HTML 36Page - Microchip Technology MCP19124 Datasheet HTML 37Page - Microchip Technology MCP19124 Datasheet HTML 38Page - Microchip Technology MCP19124 Datasheet HTML 39Page - Microchip Technology MCP19124 Datasheet HTML 40Page - Microchip Technology MCP19124 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 37
MCP19124/5
TABLE 5-6:
MCP19124/5 A/D CONVERTER (ADC) CHARACTERISTICS (Note 1)
Electrical Specifications: Unless otherwise noted, operating temperature = -40°C
 TA  +125°C
Param.
No.
Sym.
Characteristic
Min.
Typ.†
Max.
Units
Conditions
AD01
NR Resolution
—
—
10 bits
bit
AD02
EIL Integral Error (2)
——
1LSb VREF_ADC = AVDD
VREF_ADC = VDD
AD03
EDL Differential Error (2)
——
1
LSb
No missing codes to 10 bits (3)
VREF_ADC = AVDD
VREF_ADC = VDD
AD04
EOFF Offset Error (2)
—+3.0
+7
LSb
VREF_ADC = AVDD
VREF_ADC = VDD
AD07
EGN Gain Error (2)
—
2
6LSb VREF_ADC = AVDD
VREF_ADC = VDD
AD07
VAIN Full-Scale Range
AGND
—AVDD
VAVDD selected as ADC Reference
AGND
—VDD
VVDD selected as ADC Reference
AD08
ZAIN Recommended Impedance
of Analog Voltage Source
——
10
k
* These parameters are characterized but not tested.
† Data in ‘Typ.’ column is at VIN = 12V (AVDD = 4V), 25°C unless otherwise stated. These parameters are for
design guidance only and are not tested.
Note 1: When ADC is off, it will not consume any current other than leakage current. The power-down current
specification includes any such leakage from the ADC module. To minimize Sleep current the ADC Refer-
ence must be set to the (default) AVDD.
2: Total Absolute Error includes integral, differential, offset and gain errors.
3: The A/D conversion result never decreases with an increase in the input voltage and has no missing
codes.
TABLE 5-7:
MCP19124/5 A/D CONVERSION REQUIREMENTS
Electrical Specifications: Unless otherwise noted, operating temperature = -40°C
 TA  +125°C
Param.
No.
Sym.
Characteristic
Min.
Typ.†
Max.
Units
Conditions
AD130* TAD A/D Clock Period
1.6
—
9.0
µs
TOSC-based
A/D Internal RC
Oscillator Period
1.6
4.0
6.0
µs
ADCS<1:0> = 11 (ADRC mode)
AD131 TCNV Conversion Time
(not including
Acquisition Time) (1)
—11—
TAD
Set GO/DONE bit to new data in A/D
Result registers
AD132* TACQ Acquisition Time
—
11.5
—
µs
AD133* TAMP Amplifier Settling
Time
——
5
µs
AD134
TGO Q4 to A/D Clock Start
—
TOSC/2
—
—
* These parameters are characterized but not tested.
† Data in ‘Typ.’ column is at VIN = 12V (VDD =AVDD = 5V), 25°C unless otherwise stated. These parameters
are for design guidance only and are not tested.
Note 1: ADRESH and ADRESL registers may be read on the following TCY cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com