Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP19124 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 15Page - Microchip Technology MCP19124 Datasheet HTML 16Page - Microchip Technology MCP19124 Datasheet HTML 17Page - Microchip Technology MCP19124 Datasheet HTML 18Page - Microchip Technology MCP19124 Datasheet HTML 19Page - Microchip Technology MCP19124 Datasheet HTML 20Page - Microchip Technology MCP19124 Datasheet HTML 21Page - Microchip Technology MCP19124 Datasheet HTML 22Page - Microchip Technology MCP19124 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 19
MCP19124/5
3.0
FUNCTIONAL DESCRIPTION
3.1
Linear Regulators
The operating input voltage for the MCP19124/5
ranges from 4.5V to 42V. There are two internal Low
Dropout (LDO) voltage regulators. A 5V LDO is used to
power the internal processor and provide a 5V output
for external usage. A second LDO (AVDD) is a
4V regulator and is used to power the remaining analog
internal circuitry. AVDD is factory calibrated to 4.096V
and is the default ADC reference voltage. The ADC
reference is switchable between AVDD and VDD. Before
entering SLEEP Mode, the ADC reference should be
set to AVDD. Using an LDO to power the MCP19124/5,
the input voltage is monitored using a resistor divider.
The
MCP19124/5
also
incorporate
brown-out
protection. Refer to Section 12.3 “Brown-Out Reset
(BOR)” for details. The PIC core will reset at 2.0V VDD.
3.2
Output Drive Circuitry
The MCP19124/5 integrate two low-side drivers used
to drive the external low-side N-Channel power
MOSFETs for synchronous applications, such as
synchronous flyback and synchronous Ćuk converters.
Both
converter
types
can
be
configured
for
nonsynchronous
control
by
replacing
the
synchronous FET with a diode. The flyback is also
capable of quasi-resonant operation.
The MCP19124/5 can also be configured as a Boost or
SEPIC switch-mode power supply (SMPS). In Boost
mode,
nonsynchronous
fixed-frequency
or
nonsynchronous quasi-resonant control can be
utilized. This device can also be used as a SEPIC
SMPS in fixed-frequency nonsynchronous mode. The
low-side drive is capable of switching the MOSFET at
high frequency in typical SMPS applications. The gate
drive (VDR) can be supplied from 5V to 10V. The drive
strength is capable of up to 1A sink/source with 10V
gate drive and 0.5A sink/source with 5V gate drive. A
programmable delay is used to set the gate turn-on
dead time. This prevents overlap and shoot-through
currents that can decrease the converter efficiency.
Each driver has its own EN input controlled by the
microcontroller core.
3.3
Current Sense
The output current is differentially sensed by the
MCP19124/5. In low-current applications, this helps
maintain high system efficiency by minimizing power
dissipation in current sense resistors. Differential
current sensing also minimizes external ground shift
errors. The internal differential amplifier has a typical
gain of 10 V/V, and is factory trimmed.
3.4
Peak Current Mode
The MCP19124/5 is a peak current mode controlled
device with the current-sensing element in series with
the primary side MOSFET. Programmable leading
edge blanking can be implemented to blank current
spikes resulting from turn on. The blank time is
controlled from the ICLEBCON register.
Primary input current offset adjust is also available via
user programmability, thus limiting peak primary input
current. This offset adjustment is controlled by the
ICOACON register.
3.5
Magnetic Desaturation Detection
An internal comparator module is used to detect power
train
magnetic
desaturation
for
quasi-resonant
applications. The comparator output is used as a signal
to synchronize the start of the next switching cycle.
This
operation
differs
from
the
traditional
fixed-frequency application. The DESAT comparator
output can be enabled and routed into the PWM
circuitry or disabled for fixed-frequency applications.
During Quasi-Resonant (QR) operation, the DESAT
comparator output is enabled and combined with a pair
of one-shot timers and a flip-flop to sustain PWM
operation. Timer2 (TMR2) must be initialized and set to
run at a frequency lower than the minimum QR
operating frequency. When the CDSWDE bit is set in
the DESATCON register, TMR2 serves as a watchdog.
An example of the order of events for a Flyback SMPS
in synchronous QR operation is as follows:
• the primary gate drive (PDRV) goes high
• the output of the DESAT comparator is high
• the primary current increases until IP reaches the
level of the Current Error Amp (EA1) and causes
PWM comparator output to go low
• the PDRV goes low and the secondary gate drive
(SDRV) goes high (after programmed dead time).
This triggers the first one-shot to send a 200 ns
pulse that resets the flip-flop and TMR2
(WDM_RESET)
• the 200 ns one-shot pulse design is implemented
to mask out any spurious transitions at the
DESAT comparator output caused by switching
noise
• the SDRV stays high until the secondary winding
completely runs out of energy, at which time the
output capacitance begins to source current back
through the winding and secondary MOSFET
• the DESAT comparator detects this and its output
goes low. This sets the flip-flop and triggers the
second one-shot to send a 33 ns pulse to the con-
trol logic, causing the SDRV to go low and the
PDRV to go high (after programmed dead time).
• the cycle then repeats. If, for any reason, the reset
one-shot does not fire, the WDM_RESET signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com