Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP19124 Datasheet(PDF) 59 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 59 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 55Page - Microchip Technology MCP19124 Datasheet HTML 56Page - Microchip Technology MCP19124 Datasheet HTML 57Page - Microchip Technology MCP19124 Datasheet HTML 58Page - Microchip Technology MCP19124 Datasheet HTML 59Page - Microchip Technology MCP19124 Datasheet HTML 60Page - Microchip Technology MCP19124 Datasheet HTML 61Page - Microchip Technology MCP19124 Datasheet HTML 62Page - Microchip Technology MCP19124 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 59
MCP19124/5
9.0
DEVICE CALIBRATION
Read-only memory locations 2080h through 208Fh
contain factory calibration data. Refer to Section 20.0
“Flash Program Memory Control” for information on
how to read from these memory locations.
9.1
Calibration Word 1
Calibration Word 1 is at memory location 2080h and
contains the calibration bits for the Transconductance
Gm trim for both the current regulation error amplifier
and the voltage regulation error amplifier. The
CGM<3:0> bits set the trim for the Transconductance
current loop error amp (EA1). The VGM<3:0> bits set
the trim for the transconductance voltage loop error
amplifier (EA2). Firmware must read these values and
copy into the CGMVGMCAL Special Function Register
located in Bank 3 at 197h.
REGISTER 9-1:
CALWD1: CALIBRATION WORD 1 REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
bit 13
bit 8
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
CGM3
CGM2
CGM1
CGM0
VGM3
VGM2
VGM1
VGM0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’
= Bit is set
‘0’
= Bit is cleared
x = Bit is unknown
bit 13-8
Unimplemented: Read as ‘0’
bit 7-4
CGM<3:0>: Gm Adjust for the Current Error Amplifier (EA1)
bit 3-0
VGM<3:0>: Gm Adjust for the Voltage Error Amplifier (EA2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com