Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP19124 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 6Page - Microchip Technology MCP19124 Datasheet HTML 7Page - Microchip Technology MCP19124 Datasheet HTML 8Page - Microchip Technology MCP19124 Datasheet HTML 9Page - Microchip Technology MCP19124 Datasheet HTML 10Page - Microchip Technology MCP19124 Datasheet HTML 11Page - Microchip Technology MCP19124 Datasheet HTML 12Page - Microchip Technology MCP19124 Datasheet HTML 13Page - Microchip Technology MCP19124 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 236 page
background image
FIGURE 1-1:
MCP19124/5 FLYBACK SYNCHRONOUS QUASI-RESONANT BLOCK DIAGRAM
5V to 10V
VIN
PDRV
IP
SDRV
DESATN
DESATP
ISN
ISP
GPIO
GPIO
AGND
PGND
VDD
VDD
VDD
VDR
4.7uF
4.7uF
10
Place recommended VDD and VDR 4.7
µF capacitors
as close to respective pins as possible.
VIN
VDR
VDD (5V)
BGAP
UVLO
8
8
BGAP
PIC CORE
OSC
OV UVLO
PDRV
ISN
I
A = 10
IP
LEB
2
EA_SC
PWM Comp
PWM Logic
DESATN
QRS
VDR
AGND
MCLR
DIMI
SDA TEMP
VS
BIN
I/O x 3
(x7 MCP19125)
OV
6
CCD
SDRV
4
4
EN1 EN2
OVLO
4
VCOMP
PGND
PGND
PGND
VDD
GPB1
I/O
LDO1
LDO2
Bias Gen
AVDD (4V)
AVDD
VDD
8
DESAT
MUX
4V to 20V
8.8V to 44V
BGAP
DESATP
ISP
VDD_OK
Gate
Drive
Timing
Gate
Drive
Timing
IP_COMP
A2
EA1
OVLO_REF
UVLO_REF
Interrupt and Logic to
PWM & PIC
4 msb
VIN_UVLO
Log
Lin
Slope
Comp
ADJ
Offset
VIN_OVLO
+
-
-
+
OVLO
PWM
BGAP
BGAP
BGAP
VDR
UVLO
BGAP
2.7V or 5.4V
ADC
4 msb
2 lsb
2 lsb
BGAP
BGAP
EA2
OV
EA1DIS
EA2DIS
EA2DIS
EA1DIS
VDD or AVDD
REF
VREF
Lin
OVREF
Lin
VREF
Lin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com