Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP19124 Datasheet(PDF) 67 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 67 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 63Page - Microchip Technology MCP19124 Datasheet HTML 64Page - Microchip Technology MCP19124 Datasheet HTML 65Page - Microchip Technology MCP19124 Datasheet HTML 66Page - Microchip Technology MCP19124 Datasheet HTML 67Page - Microchip Technology MCP19124 Datasheet HTML 68Page - Microchip Technology MCP19124 Datasheet HTML 69Page - Microchip Technology MCP19124 Datasheet HTML 70Page - Microchip Technology MCP19124 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 67
MCP19124/5
9.11
Calibration Word 11
Calibration word 11 at memory location 208Ah contains
the calibration bits for the 4V LDO (AVDD) trim
AVDDCAL<3:0> and the offset voltage of the analog
test buffer BUFF<7:0>. AVDD supplies the internal
analog circuitry and is the default ADC Reference
voltage. Firmware must read these values and copy
into the AVDDCAL Special Function Register located in
Bank 3 at 19Dh.
Also stored at address 208Ah is the Analog test MUX
buffer offset value. This is an 8 bit, 2’s complement
word that represents the buffer’s offset voltage in units
of mV. This value can be used to correct for buffer offset
of the analog test signal measurements. See
Section 8.0 “System Bench Testing” for test signal
details.
REGISTER 9-11:
CALWD11: CALIBRATION WORD 11 REGISTER
U-0
U-0
R/P-1
R/P-1
R/P-1
R/P-1
—
—
AVDDCAL3
AVDDCAL2
AVDDCAL1
AVDDCAL0
bit 13
bit 8
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
BUFF7
BUFF6
BUFF5
BUFF4
BUFF3
BUFF2
BUFF1
BUFF0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’
= Bit is set
‘0’
= Bit is cleared
x = Bit is unknown
bit 13-12
Unimplemented: Read as ‘0’
bit 11-8
AVDDCAL<3:0>: AVDD 4V LDO Trim bits
bit 7-0
BUFF<7:0>: Analog Test Mux Buffer Offset bits
11111111
= Mid scale (-1 mV)
•
•
10000000
= Largest negative offset (-128 mV)
01111111
= Largest positive offset (+128 mV)
•
•
00000000
= Mid scale (0 mV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com