Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP19124 Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 39Page - Microchip Technology MCP19124 Datasheet HTML 40Page - Microchip Technology MCP19124 Datasheet HTML 41Page - Microchip Technology MCP19124 Datasheet HTML 42Page - Microchip Technology MCP19124 Datasheet HTML 43Page - Microchip Technology MCP19124 Datasheet HTML 44Page - Microchip Technology MCP19124 Datasheet HTML 45Page - Microchip Technology MCP19124 Datasheet HTML 46Page - Microchip Technology MCP19124 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 43
MCP19124/5
6.4
Desaturation Detection for
Quasi-Resonant Operation
The MCP19124/5 have been designed with a built-in
desaturation detection comparator module custom
made for quasi-resonant topologies. This is especially
useful for LED-type applications. Through the use of
the
MCP19124/5,
both
synchronous
and
asynchronous quasi-resonant topologies can be
implemented. The DESAT comparator module has the
same features as the UVLO/OVLO and OV comparator
modules, except that it includes some additional
programmable parameters.
The DESATCON register holds the setup control bits
for this module. Common control bits are the polarity
edge
trigger
for
the
interrupt
flag
<CDSINTP><CDSINTN>, comparator output polarity
control CDSPOL, output enable CDSOE and output
status CDSOUT bit. As with the other comparator
modules, the CDSIF is independent of the CDSOE
enable bit. On the front end connected to the DESAT
comparator noninverting input, there is a two-channel
MUX that connects either to the DESATP pin or to the
fixed
internally
generated
band
gap
voltage.
Additionally, the input offset voltage of the DESAT
comparator is factory-trimmed to within ±1 mV typically.
These factory-trimmed values are stored in the
CALWD2 register at address 2081h. Firmware must
read these values into the DSTCAL register (196h). If
more offset is desired, the user can adjust the values
written to the DSTCAL per their implementation.
REGISTER 6-6:
DESATCON: DESATURATION COMPARATOR CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CDSMUX
CDSWDE
Reserved
CDSPOL
CDSOE
CDSOUT
CDSINTP
CDSINTN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
CDSMUX: DESAT Comparator Module Multiplexer Channel Selection bit
1
= BG Selected
0
= DESATP Selected (Default)
bit 6
CDSWDE: DESAT Comparator Watch Dog Enable bit
1
= Watch Dog signal enables PWM Reset
0
= Watch Dog signal does not allow PWM reset
bit 5
Reserved
bit 4
CDSPOL: DESAT Comparator Polarity Select bit
1
= DESAT Comparator output is inverted
0
= DESAT Comparator output is not inverted
bit 3
CDSOE: DESAT Comparator output enable bit
1
= DESAT Comparator output PWM is enabled
0
= DESAT Comparator output PWM is not enabled
bit 2
CDSOUT: DESAT Comparator Output Status bit
If CDSPOL = (inverted polarity)
1
= CDSVP < CDSVN (DESAT detected)
0
= CDSVP > CDSVN (DESAT not detected)
If CDSPOL = (noninverted polarity)
1
= CDSVP > CDSVN (DESAT not detected)
0
= CDSVP < CDSVN (DESAT detected)
bit 1
CDSINTP: CDSIF Comparator Interrupt on Positive Going Edge Enable bit
1
= The CDSIF interrupt flag will be set upon a positive going edge
0
= No CDSIF interrupt flag will be set upon a positive going edge
bit 0
CDSINTN: CDSIF Comparator Interrupt on Negative Going Edge Enable bit
1
= The CDSIF interrupt flag will be set upon a negative going edge
0
= No CDSIF interrupt flag will be set upon a negative going edge
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com