Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP19124 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 16Page - Microchip Technology MCP19124 Datasheet HTML 17Page - Microchip Technology MCP19124 Datasheet HTML 18Page - Microchip Technology MCP19124 Datasheet HTML 19Page - Microchip Technology MCP19124 Datasheet HTML 20Page - Microchip Technology MCP19124 Datasheet HTML 21Page - Microchip Technology MCP19124 Datasheet HTML 22Page - Microchip Technology MCP19124 Datasheet HTML 23Page - Microchip Technology MCP19124 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 236 page
background image
MCP19124/5
DS20005619A-page 20
 2016 Microchip Technology Inc.
stays low and TMR2 is allowed to run until the
PWM signal kicks off a new cycle.
The desaturation comparator module is controlled by
the DESATCON register.
3.6
Start-Up
To control the output current during start-up, the
MCP19124/5 have the capability to monotonically
increase system current, at the user’s discretion. This
is accomplished through the control of the reference
voltage DAC (VREF). Users also have firmware control
over the switching frequency through Timer2 and the
PR2 register. Maximum duty cycle control is
established through the PWMRL register. See section
Section 27.0 “Enhanced PWM Module” for details.
The entire start-up profile is under user control via
software.
3.7
Driver Control Circuitry
Internal to the driver control circuitry of the
MCP19124/5 are two error amplifiers (EA1/EA2). Both
error amplifiers are transconductance designs with
external compensation. This dual error amplifier
configuration allows the device to regulate current or
voltage. 8-bit DAC VREF is summed with the pedestal
voltage (VZC) and connected to the noninverting input
of the current regulating error amplifier (EA1) to create
the current regulation set-point. This is very similar to
the current regulation scheme utilized in the
MCP19114/5 devices.
In the MCP19124/5 devices, a second control loop
utilizing the voltage control error amplifier (EA2) can
implement voltage control regulation. The output of
each error amplifier is clamped to the other such that
the outputs are typically with 50mV. The control loop
(voltage or current) that is demanding the smaller error
amplifier output signal is in control of the PWM control
loop. The 8-bit OVREF DAC is connected to the
noninverting input of the voltage control error amplifier
(EA2) and sets the voltage command level. When EA2
is disabled via the EA2DIS bit in the ABECON register
the overvoltage comparator is enabled and functions
as overvoltage detection/protection similar to the
MCP19114/5 devices.
When current regulation is implemented, the error
amplifier (EA1) generates the control voltage used by
the high-speed PWM comparator. There is an internally
generated reference voltage, VREF. The difference or
error between this internal reference voltage and the
actual feedback voltage from the secondary current
sense output is the control voltage. When voltage
regulation is implemented, the error amplifier (EA2)
generates the control voltage used by the high-speed
PWM comparator. There is an internally generated
reference voltage, OVREF. The difference or error
between this internal reference voltage and the actual
feedback voltage present at the VS pin is the control
voltage. Independent external compensation networks
are connected at the ICOMP and VCOMP pins to allow
greater compensation flexibility for voltage and current
regulation stabilization of the control system.
Since the MCP19124/5 are peak current mode
controlled, the comparator compares the primary peak
current waveform (IP) that is based upon the current
flowing in the primary side with the error amplifier
control output voltage. This error amplifier control
output voltage also has user-programmable slope
compensation subtracted from it. In fixed-frequency
applications, the slope compensation signal is
generated to be greater than 1/2 the down slope of the
inductor current waveform and is controlled by the
SLPCRCON register. Offset adjust ability is also
available to set the peak current limit of the primary
switch for overcurrent protection. The range of the
slope compensation ramp is specified. When the
current sense signal reaches the level of the control
voltage minus slope compensation, the ON cycle is
terminated and the external PDRV switch is latched off
until the beginning of the next cycle which begins at the
next clock cycle.
To improve current regulation at low levels, a pedestal
voltage (VZC) set to the BG (1.23V) is implemented
throughout the current regulation analog control loop.
This virtual ground serves as the reference for the error
amplifier (EA1), slope compensation, current sense
amplifier (A2) and the IP offset adjustment.
An S-R latch (Set-Rest-Flip-Flop) is used to prevent the
PWM circuitry from turning the external switch on until
the beginning of the next clock cycle.
3.8
Fixed PWM Frequency
The switching frequency of the MCP19124/5, while not
controlled by the DESAT comparator output, is
generated by using a single edge of the 8 MHz internal
clock. The user sets the MCP19124/5 switching
frequency by configuring the PR2 register. The
maximum allowable PDRV duty cycle is adjustable and
is
controlled
by
the
PWMRL
register.
The
programmable range of the switching frequency will be
31.25 kHz to 2 MHz. The available switching frequency
below 2 MHz is defined as FSW = 8 MHz/N, where N is
a whole number between 4
 N  256. Refer to
Section 27.0 “Enhanced PWM Module” for details.
3.9
VREF
This reference is used to generate the voltage
connected to the noninverting input of the current error
amplifier (EA1). The entire analog control loop is raised
to a virtual ground pedestal (VZC) equal to the
Band Gap voltage (1.23V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com