Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP19124 Datasheet(PDF) 83 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 83 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 79Page - Microchip Technology MCP19124 Datasheet HTML 80Page - Microchip Technology MCP19124 Datasheet HTML 81Page - Microchip Technology MCP19124 Datasheet HTML 82Page - Microchip Technology MCP19124 Datasheet HTML 83Page - Microchip Technology MCP19124 Datasheet HTML 84Page - Microchip Technology MCP19124 Datasheet HTML 85Page - Microchip Technology MCP19124 Datasheet HTML 86Page - Microchip Technology MCP19124 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 83
MCP19124/5
12.0 RESETS
The reset logic is used to place the MCP19124/5 into a
known state. The source of the reset can be
determined by using the device status bits.
There are multiple ways to reset the MCP19124/5
devices:
• Power-On Reset (POR)
• Overtemperature Reset (OT)
•MCLR Reset
• WDT Reset
• Brown-Out Reset (BOR)
To allow VDD to stabilize, an optional power-up timer
can be enabled to extend the Reset time after a POR
event.
Some registers are not affected in any Reset condition;
their status is unknown on POR and unchanged in any
other Reset. Most other registers are reset to a “Reset
state” on:
• Power-On Reset
•MCLR Reset
•MCLR Reset during Sleep
• WDT Reset
• Brown-Out Reset
WDT (Watchdog Timer) wake-up does not cause
register resets in the same manner as a WDT Reset,
since wake-up is viewed as the resumption of normal
operation. TO and PD bits are set or cleared differently
in different Reset situations, as indicated in Table 12-1.
The software can use these bits to determine the
nature of the Reset. Refer to Table 12-2 for a full
description of Reset states of all registers.
A simplified block diagram of the On-Chip Reset Circuit
is shown in Figure 12-1.
The MCLR Reset path has a noise filter to detect and
ignore small pulses. Refer to Section 5.0 “Digital
Electrical
Characteristics”
for
pulse-width
specifications.
FIGURE 12-1:
SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT
WDT
Module
VDD Rise
Detect
Brown-Out
Reset
Sleep
BOREN
MCLR/TEST_EN
pin
VDD
External
Reset
S
RQ
On-Chip
RC OSC
11-bit Ripple Counter
PWRT
Enable PWRT
Chip_Reset
Power-On Reset
Time-Out
Reset
Brown-Out
Reset
TABLE 12-1:
TIME-OUT IN VARIOUS
SITUATIONS
Power-Up
Wake-Up from
Sleep
PWRTE = 0
PWRTE = 1
TPWRT
——



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com