Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP19124 Datasheet(PDF) 62 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 62 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 58Page - Microchip Technology MCP19124 Datasheet HTML 59Page - Microchip Technology MCP19124 Datasheet HTML 60Page - Microchip Technology MCP19124 Datasheet HTML 61Page - Microchip Technology MCP19124 Datasheet HTML 62Page - Microchip Technology MCP19124 Datasheet HTML 63Page - Microchip Technology MCP19124 Datasheet HTML 64Page - Microchip Technology MCP19124 Datasheet HTML 65Page - Microchip Technology MCP19124 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 236 page
background image
MCP19124/5
DS20005619A-page 62
 2016 Microchip Technology Inc.
9.5
Calibration Word 5
The TANA<9:0> bits at memory location 2084h contain
the ADC reading from the internal temperature sensor
when the silicon temperature is at 28°C. This
temperature can typically vary +2°C / -3°C. This 10 bit
reading can be used to calculate the silicon die
temperature. The temperature coefficient of the internal
temperature
sensor
is
typically
14.0mV/°C,
+/-0.8mV/°C from -20°C to +125°C. See Section 25.0
“Internal Temperature Indicator Module” for more
details.
9.6
Calibration Word 6
The FCAL<6:0> bits at memory location 2085h set the
internal oscillator calibration. Firmware must read
these values and copy into the OSCCAL Special Func-
tion Register located in Bank 3 at 198h.
REGISTER 9-5:
CALWD5: CALIBRATION WORD 5 REGISTER
U-0
U-0
U-0
U-0
R/P-1
R/P-1
—
—
—
—TANA9
TANA8
bit 13
bit 8
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
TANA7
TANA6
TANA5
TANA4
TANA3
TANA2
TANA1
TANA0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’
= Bit is set
‘0’
= Bit is cleared
x = Bit is unknown
bit 13-10
Unimplemented: Read as ‘0’
bit 9-0
TANA<9:0>: ADC Reading of Internal Silicon Temperature at 30°C Calibration bits
REGISTER 9-6:
CALWD6: CALIBRATION WORD 6 REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
bit 13
bit 8
U-0
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
—
FCAL6
FCAL5
FCAL4
FCAL3
FCAL2
FCAL1
FCAL0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’
= Bit is set
‘0’
= Bit is cleared
x = Bit is unknown
bit 13-7
Unimplemented: Read as ‘0’
bit 6-0
FCAL<6:0>: Internal Oscillator Calibration bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com