Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCS1002-1 Datasheet(PDF) 24 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 24 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 20Page - Microchip Technology UCS1002-1 Datasheet HTML 21Page - Microchip Technology UCS1002-1 Datasheet HTML 22Page - Microchip Technology UCS1002-1 Datasheet HTML 23Page - Microchip Technology UCS1002-1 Datasheet HTML 24Page - Microchip Technology UCS1002-1 Datasheet HTML 25Page - Microchip Technology UCS1002-1 Datasheet HTML 26Page - Microchip Technology UCS1002-1 Datasheet HTML 27Page - Microchip Technology UCS1002-1 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
24
SMSC UCS1002
DATASHEET
Note 3.2
For split supply systems using the Attach Detection feature, VS must not exceed VDD +
150 mV.
Note 3.3
The current measurement full scale range maximum value is 2.5 A. However, the
UCS1002 cannot report values above ILIM (if IBUS_R2MIN < ILIM) or above IBUS_R2MIN (if
IBUS_R2MIN > ILIM and ILIM < 1.5 A).
Voltage Option Output
SX_RXMAG_
VOLT_BC
0.5
V
DMOUT = 0.6 V
250 µA load
Response Magnitude
(zero volt option range)
SX_PUPD
10
150
µA
SX_RXMAG_VOLT = 0
Programmable, all typical
Pull-down Current
Accuracy
SX_PUPD
_ACC_3p6
±5
%
DPOUT or DMOUT = 3.6 V
Compliance voltage
Pull-down Current
SX_PUPD
_ACC_BC
50
µA
Setting = 100 µA
DPOUT or DMOUT = 0.15 V
Compliance voltage
Stimulus Voltage
Threshold Range
SX_TH
0.3
2.2
V
Programmable, all typical
Stimulus Voltage
Accuracy
SX_TH_ ACC
±2
%
Average over range
Stimulus Voltage
Accuracy
SX_TH_ACC_
BC
0.25
V
At SX_TH = 0.3 V
Stimulus Voltage
Hysteresis
SX_TH_HYST
40
mV
Voltage falling
General Emulation - AC
Emulation Reset Time
tEM_RESET
50
ms
default
Emulation Reset Time
Range
tEM_RESET_
RNG
50
175
ms
Programmable, all typical
Emulation Timeout
Range
tEM_ TIMEOUT
0.8
12.8
s
Programmable, 0.8 s to 12.8 s,
all typical
Stimulus Delay, SX_TD
Range
tSTIM_DEL
0
100
ms
Programmable, all typical
Emulation Delay
tRES_EM
0.5
s
Time from set impedance to
impedance appears on DP /
DM
Table 3.3 Electrical Specifications (continued)
VDD = 4.5 V to 5.5 V, VS = 2.9 V to 5.5 V, VPULLUP = 3V to 5.5V, TA = -40 °C to 85 °C
all Typical values at VDD = VS = 5 V, TA = 27 °C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com