Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCS1002-1 Datasheet(PDF) 53 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 53 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 49Page - Microchip Technology UCS1002-1 Datasheet HTML 50Page - Microchip Technology UCS1002-1 Datasheet HTML 51Page - Microchip Technology UCS1002-1 Datasheet HTML 52Page - Microchip Technology UCS1002-1 Datasheet HTML 53Page - Microchip Technology UCS1002-1 Datasheet HTML 54Page - Microchip Technology UCS1002-1 Datasheet HTML 55Page - Microchip Technology UCS1002-1 Datasheet HTML 56Page - Microchip Technology UCS1002-1 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
53
Revision 1.4 (07-16-13)
DATASHEET
7.4
VBUS Discharge
The UCS1002 will discharge VBUS through an internal 100 Ω resistor when at least one of the following
conditions occurs:
The PWR_EN control is disabled (triggered on the inactive edge of the PWR_EN control).
A portable device Removal Detection event is flagged.
The VS voltage drops below a specified threshold (VS_UVLO) that causes the port power switch to
be disabled.
When commanded into the Sleep power state via the EM_EN, M1, and M2 controls.
Before each charger emulation profile is applied.
Upon recovery from the Error state.
When commanded via the SMBus (see Section 10.4, "Configuration Registers") in the Active state.
Any time that the port power switch is activated after the VBUS bypass switch has been on (i.e.,
whenever VBUS voltage transitions from being driven from VDD to being driven from VS, such as
going from Detect to Active power state).
Any time that the VBUS bypass switch is activated after the port power switch has been on (i.e.,
going from Active to Detect power state).
When the VBUS discharge circuitry is activated, at the end of the tDISCHARGE time, the UCS1002 will
confirm that VBUS was discharged. If the VBUS voltage is not below the VTEST level, a discharge error
will be flagged (by setting the DISCHARGE_ERR status bit) and the UCS1002 will enter the Error
state.
7.5
Battery Full
Delivery of bus current to a portable device can be rationed by the UCS1002. When this functionality
is enabled, the host system must provide the UCS1002 with an accumulated charge maximum limit
(in milliampere-hours). The charge rationing functionality works only in the Active power state. It
continuously monitors the current delivered as well as the time elapsed since the mode was activated
(or since the data was updated). This information is compiled to generate a charge-rationing number
that is checked against the host limit.
Once the programmed current-rationing limit has been reached, the UCS1002 will take action as
determined by the RATION_BEH bits as described in Table 7.1. Note that this does not cause the
device to enter the Error state.
Once the charge rationing circuitry has reached the programmed threshold, the UCS1002 will maintain
the desired behavior until charge rationing is reset. Once charge rationing has been reset or disabled,
the UCS1002 will recover as shown in Table 7.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com