| Electronic Components Datasheet Search |
|
UCS1002-1 Datasheet(PDF) 58 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
UCS1002-1 Datasheet(HTML) 58 Page - Microchip Technology |
|
58 / 116 page ![]() Programmable USB Port Power Controller with Charger Emulation Datasheet Revision 1.4 (07-16-13) 58 SMSC UCS1002 DATASHEET Chapter 8 Detect State 8.1 Device Attach / Removal Detection The UCS1002 can detect the attachment and removal of a portable device on the USB port. Attach and Removal Detection does not perform any charger emulation or qualification of the device. The high-speed switch is “off” (by default) during the Detect power state. 8.2 VBUS Bypass Switch The UCS1002 contains circuitry to provide VBUS current as shown in Figure 8.1. In the Detect state, VDD is the voltage source; in the Active state, VS is the voltage source. The bypass switch and the port power switch are never both on at the same time. While the VBUS bypass switch is active, the current available to a portable device will be limited to IBUS_BYP, and the Attach Detection feature is active. 8.3 Attach Detection The Attach Detection feature is only active in the Detect power state. When active, this feature constantly monitors the current load on the VBUS pin. If the current drawn by a portable device is greater than IDET_QUAL for longer than tDET_QUAL, an Attach Detection event occurs. This will cause the A_DET# pin to assert low and the ADET_PIN and ATT status bits to be set. Until the port power switch is enabled, the current available to a portable device will be limited to that used to detect device attachment (IDET_QUAL). Once an Attach Detection event occurs, the UCS1002 will wait for the PWR_EN control to be enabled (if not already). When PWR_EN is enabled and VS is above the threshold, the UCS1002 will activate the USB port power switch and operate in the selected Active mode (see Chapter 9, Active State). 8.4 Removal Detection The Removal Detection feature will be active in the Active and Detect power states if S0 = 1. This feature monitors the current load on the VBUS pin. If this load drops to less than IREM_QUAL_DET for longer than tREM_QUAL, a Removal Detection event is flagged. When a Removal Detection event is flagged, the following will be done: 1. Disable the port power switch and the bypass switch. Figure 8.1 Detect State VBUS Biasing Port Power Switch VDD VS VS VBUS VBUS Bypass Switch |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |