Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCS1002-1 Datasheet(PDF) 50 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 50 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 46Page - Microchip Technology UCS1002-1 Datasheet HTML 47Page - Microchip Technology UCS1002-1 Datasheet HTML 48Page - Microchip Technology UCS1002-1 Datasheet HTML 49Page - Microchip Technology UCS1002-1 Datasheet HTML 50Page - Microchip Technology UCS1002-1 Datasheet HTML 51Page - Microchip Technology UCS1002-1 Datasheet HTML 52Page - Microchip Technology UCS1002-1 Datasheet HTML 53Page - Microchip Technology UCS1002-1 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
50
SMSC UCS1002
DATASHEET
7.2.4.2
Constant Current Limiting (Variable Slope)
Constant current limiting is used when a portable device handshakes using the BC1.2 DCP charger
emulation profile and the current drawn is greater than ILIM (and ILIM < 1.5 A). It’s also used in BC1.2
CDP mode and during the DCE Cycle when a charger emulation profile is being applied and the
emulation timeout is active.
In CC mode, the port power switch allows the attached portable device to reduce VBUS output voltage
to less than the input VS voltage while maintaining current delivery. The V/I slope depends on the user
set ILIM value. This slope is held constant for a given ILIM value.
Figure 7.1 Trip Current Limiting Operation
5
4
3
2
1
0.5
1.0
1.5
2.0
2.5
5.25
4.75
IBUS (Amps)
Operating
Current
0
0
0.9
1.2
1.2
1.0
0.9
0.5
1.5
2.5
1.8
2.0
= ILIM’s
1.8
Power Switch Voltage and Current Output
go to Zero when ILIM is Exceeded
Trip action
(ILIM = 0.5 A)
Trip action
(ILIM = 2.5 A)
ILIM (Amps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com