Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCS1002-1 Datasheet(PDF) 47 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 47 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 43Page - Microchip Technology UCS1002-1 Datasheet HTML 44Page - Microchip Technology UCS1002-1 Datasheet HTML 45Page - Microchip Technology UCS1002-1 Datasheet HTML 46Page - Microchip Technology UCS1002-1 Datasheet HTML 47Page - Microchip Technology UCS1002-1 Datasheet HTML 48Page - Microchip Technology UCS1002-1 Datasheet HTML 49Page - Microchip Technology UCS1002-1 Datasheet HTML 50Page - Microchip Technology UCS1002-1 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
47
Revision 1.4 (07-16-13)
DATASHEET
Chapter 6 USB High-speed Data Switch
6.1
USB High-speed Data Switch
The UCS1002 contains a series USB 2.0 compliant high-speed switch between the DPIN and DMIN
pins and between the DPOUT and DMOUT pins. This switch is designed for high-speed, low latency
functionality to allow USB 2.0 full-speed and high-speed communications with minimal interference.
Nominally, the switch is closed in the Active state, allowing uninterrupted USB communications
between the upstream host and the portable device. The switch is opened when:
1. The UCS1002 is actively emulating using any of the charger emulation profiles except CDP (by
default - see Section 10.4.5, "High-speed Switch Configuration - 25h").
2. The UCS1002 is operating as a dedicated charger unless the HSW_DCE configuration bit is set
(see Section 10.4.5).
3. The UCS1002 is in the Detect state (by default) or in the Sleep state.
APPLICATION NOTE: If the VDD voltage is less than VDD_TH, the high-speed data switch will be disabled and
opened.
6.1.1
USB-IF High-speed Compliance
The USB data switch will not significantly degrade the signal integrity through the device DP / DM pins
with USB high-speed communications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com