Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCS1002-1 Datasheet(PDF) 85 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 85 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 81Page - Microchip Technology UCS1002-1 Datasheet HTML 82Page - Microchip Technology UCS1002-1 Datasheet HTML 83Page - Microchip Technology UCS1002-1 Datasheet HTML 84Page - Microchip Technology UCS1002-1 Datasheet HTML 85Page - Microchip Technology UCS1002-1 Datasheet HTML 86Page - Microchip Technology UCS1002-1 Datasheet HTML 87Page - Microchip Technology UCS1002-1 Datasheet HTML 88Page - Microchip Technology UCS1002-1 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
85
Revision 1.4 (07-16-13)
DATASHEET
Bits 1 - 0 - VTST_SW[1:0] - Sets the VTEST value as shown in Table 10.17.
10.8
IBUS_CHG Configuration Register
The IBUS_CHG Configuration register sets the IBUS_CHG current value. If current greater than
IBUS_CHG is detected flowing out of VBUS, emulation is successful. The bit weights are in mA, and the
range is from 9.76 mA to 156.16 mA.
APPLICATION NOTE: The contents of this register are not retained in Sleep.
10.9
tDET_CHARGE Configuration Register
01
15 ms
1
0
20 ms (default)
11
25 ms
Table 10.17 VTST_SW Options
VTST_SW[1:0]
VTEST
10
0
0
250 mV
0
1
500 mV
1
0
750 mV (default)
1
1
1000 mV
Table 10.18 IBUS_CHG Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
1Eh
R/W
IBUS_CHG
Configuration
----
78.1
39.0
19.5
9.76
04h
Table 10.19 tDET_CHARGE Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4B3B2B1B0
DEFAULT
1Fh
R/W
tDET_CHARGE
Configuration
-
-
-
DC_TEMP_
SET[1:0]
DET_CHARGE_SET
[2:0]
03h
Table 10.16 TRST_SW Options (continued)
TRST_SW[1:0]
TRST
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com