Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCS1002-1 Datasheet(PDF) 43 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 43 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 39Page - Microchip Technology UCS1002-1 Datasheet HTML 40Page - Microchip Technology UCS1002-1 Datasheet HTML 41Page - Microchip Technology UCS1002-1 Datasheet HTML 42Page - Microchip Technology UCS1002-1 Datasheet HTML 43Page - Microchip Technology UCS1002-1 Datasheet HTML 44Page - Microchip Technology UCS1002-1 Datasheet HTML 45Page - Microchip Technology UCS1002-1 Datasheet HTML 46Page - Microchip Technology UCS1002-1 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
43
Revision 1.4 (07-16-13)
DATASHEET
5.1.5
Error State Operation
The UCS1002 will enter the Error state from the Active state when any of the following events are
detected:
1. The maximum allowable internal die temperature (TTSD) has been exceeded (see Section 7.3.1.2).
2. An over-current condition has been detected (see Section 7.2.1).
3. An under-voltage condition on VBUS has been detected (see Section 5.2.5).
4. A back-drive condition has been detected (see Section 5.2.3).
5. A discharge error has been detected (see Section 7.4).
6. An over-voltage condition on the VS pins.
The UCS1002 will enter the Error state from the Detect state when a back-drive condition has been
detected or when the maximum allowable internal die temperature has been exceeded.
The UCS1002 will enter the Error state from the Sleep state when a back-drive condition has been
detected.
When the UCS1002 enters the Error state, the port power switch, the VBUS bypass switch, the high-
speed switch are turned off, and the ALERT# pin is asserted (by default). They will remain off while in
this power state. The UCS1002 will leave this state as determined by the fault handling selection (see
Section 7.6, "Fault Handling Mechanism").
When using the Latch fault handler and the user has re-activated the device by clearing the ERR bit
(see Section 10.3, "Status Registers"), or toggling the PWR_EN control, the UCS1002 will check that
all of the error conditions have been removed. If using Auto-recovery fault handler, after the tCYCLE
time period, the UCS1002 will check that all of the error conditions have been removed.
If all of the error conditions have been removed, the UCS1002 will return to the Active state or Detect
state, as applicable. Returning to the Active state will cause the UCS1002 to restart the selected mode
(see Section 9.2, "Active Mode Selection").
If the device is in the Error state and a Removal Detection event occurs, it will check the error
conditions and then return to the power state defined by the PWR_EN, M1, M2, EM_EN, and S0
controls.
5.2
Supply Voltages
5.2.1
VDD Supply Voltage
The UCS1002 requires 4.5 V to 5.5 V present on the VDD pin for core device functionality. Core device
functionality consists of maintaining register states, wake-up upon SMBus / I2C query, and Attach
Detection.
5.2.2
VS Source Voltage
VS can be a separate supply and can be greater than VDD to accommodate high current applications
in which current path resistances result in unacceptable voltage drops that may prevent optimal
charging of some portable devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com