Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCS1002-1 Datasheet(PDF) 77 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 77 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 73Page - Microchip Technology UCS1002-1 Datasheet HTML 74Page - Microchip Technology UCS1002-1 Datasheet HTML 75Page - Microchip Technology UCS1002-1 Datasheet HTML 76Page - Microchip Technology UCS1002-1 Datasheet HTML 77Page - Microchip Technology UCS1002-1 Datasheet HTML 78Page - Microchip Technology UCS1002-1 Datasheet HTML 79Page - Microchip Technology UCS1002-1 Datasheet HTML 80Page - Microchip Technology UCS1002-1 Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
77
Revision 1.4 (07-16-13)
DATASHEET
Bit 1 - LG2 - Indicates that the portable device successfully performed a handshake with the Legacy
2 charger emulation profile and is charging. The high-speed switch will be controlled via the HSW_DCE
bit (see Section 10.4.5, "High-speed Switch Configuration - 25h"). The port power switch current
limiting mode is determined by the Custom current limiting behavior settings (see Section 10.14.2,
"Custom Current Limiting Behavior Configuration - 51h").
Bit 0 - LG1 - Indicates that the portable device successfully performed a handshake with the Legacy
1 charger emulation profile and is charging. The high-speed switch will be controlled via the HSW_DCE
bit (see Section 10.4.5, "High-speed Switch Configuration - 25h"). The port power switch current
limiting mode is determined by the Custom current limiting behavior settings (see Section 10.14.2,
"Custom Current Limiting Behavior Configuration - 51h").
10.3.6
Pin Status Register - 14h
The Pin Status register reflects the current pin state of the external control pins as well as identifying
the power state. These bits are linked to the X_SET bits (see Section 10.4.3).
Bit 6 - PWR_EN_PIN - Reflects the PWR_EN control state. This bit is set and cleared automatically
as the PWR_EN pin / PWR_EN_SET bit state changes.
Bit 5 - M2_PIN - Reflects the M2 pin state. This bit is set and cleared automatically as the M2 pin /
M2_SET state changes.
Bit 4 - M1_PIN - Reflects the M1 pin state. This bit is set and cleared automatically as the M1 pin /
M1_SET state changes.
Bit 3 - EM_EN_PIN - Reflects the EM_EN pin state. This bit is set and cleared automatically as the
EM_EN pin / EM_EN_SET state changes.
Bit 2 - SEL_PIN - Reflects the polarity settings determined by the SEL pin decode. This bit is set or
cleared automatically upon device power-up as the SEL pin is decoded.
‘0’ - The PWR_EN control is active low.
‘1’ - The PWR_EN control is active high.
Bits 1 - 0 - PWR_STATE[1:0] - Indicates the current power state as shown in Table 10.6. These bits
are set and cleared automatically as the power state changes.
APPLICATION NOTE: Accessing the SMBus / I2C causes the UCS1002 to leave the Sleep state. As a result, the
PWR_STATE[1:0] bits will never read as 00b.
Table 10.6 PWR_STATE Bit Decode
PWR_STATE[1:0]
POWER STATE
10
0
0
Sleep
01
Detect
10
Active
1
1
Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com