Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCS1002-1 Datasheet(PDF) 38 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 38 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 34Page - Microchip Technology UCS1002-1 Datasheet HTML 35Page - Microchip Technology UCS1002-1 Datasheet HTML 36Page - Microchip Technology UCS1002-1 Datasheet HTML 37Page - Microchip Technology UCS1002-1 Datasheet HTML 38Page - Microchip Technology UCS1002-1 Datasheet HTML 39Page - Microchip Technology UCS1002-1 Datasheet HTML 40Page - Microchip Technology UCS1002-1 Datasheet HTML 41Page - Microchip Technology UCS1002-1 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
38
SMSC UCS1002
DATASHEET
5.1
UCS1002 Power States
The UCS1002 has the following power states.
Off - This power state is entered when the voltage at the VDD pin voltage is < VDD_TH. In this state
the device is considered “off”. The UCS1002 will not retain its digital states and register contents
nor respond to SMBus / I2C communications. The port power switch, bypass switch, and the high-
speed data switches will be off. See Section 5.1.1, "Off State Operation".
Sleep - This is the lowest power state available. While in this state, the UCS1002 will retain digital
functionality, respond to changes in emulation controls, and wake to respond to SMBus / I2C
communications. The high-speed switch and all other functionality will be disabled. See Section
5.1.2, "Sleep State Operation".
Detect - This is a lower current power state. In this state, the device is actively looking for a
portable device to be attached. The high-speed switch is disabled by default. While in this state,
the UCS1002 will retain the configuration and charge rationing data, but it will not monitor the bus
current. SMBus / I2C communications will be fully functional. See Section 5.1.3, "Detect State
Operation".
Error - This power state is entered when a fault condition exists. See Section 5.1.5, "Error State
Operation".
Active - This power state provides full functionality. While in this state, operations include activation
of the port power switch, USB data line handshaking / charger emulation, current limiting, and
charge rationing. See Section 5.1.4, "Active State Operation".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com