Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8742Ai-CZ Datasheet(PDF) 105 Page - Microchip Technology

Part # LAN8742Ai-CZ
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742Ai-CZ Datasheet(HTML) 105 Page - Microchip Technology

Back Button LAN8742Ai-CZ Datasheet HTML 101Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 102Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 103Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 104Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 105Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 106Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 107Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 108Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 109Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 124 page
background image
2013-2015 Microchip Technology Inc.
DS00001989A-page 105
LAN8742A/LAN8742Ai
5.4.2
REF_CLK OUT MODE
5.4.2.1
Regulator Disabled
5.4.2.2
Regulator Enabled
TABLE 5-4:
CURRENT CONSUMPTION AND POWER DISSIPATION (REF_CLK OUT, REG.
DISABLED)
Power Pin Group
3.3 V Device
Current (mA)
1.2 V Device
Current (mA)
3.3 V Device
Current w/
Magnetics
(mA)
Total Device
Power (mW)
nRESET
Typical
201120
86
100BASE-TX /W TRAFFIC
Typical
37
20
79
160
10BASE-T /W TRAFFIC
Typical
20
13
124
88
ENERGY DETECT
POWER DOWN
Typical
4.5
1.7
4.4
18
GENERAL POWER DOWN
Typical
1.0
1.3
0.9
6.4
TABLE 5-5:
CURRENT CONSUMPTION AND POWER DISSIPATION (REF_CLK OUT, REG.
ENABLED)
Power Pin Group
Device Current (mA)
Device Current w/
Magnetics (mA)
Total Device Power
(mW)
nRESET
Typical
31
31
103
100BASE-TX /W TRAFFIC
Typical
59
102
195
10BASE-T /W TRAFFIC
Typical
34
139
112
ENERGY DETECT
POWER DOWN
Typical
6.5
6.4
21
GENERAL POWER DOWN
Typical
3.2
3.2
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com