Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE9078ACPZ-RL Datasheet(PDF) 44 Page - Analog Devices

Part # ADE9078ACPZ-RL
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078ACPZ-RL Datasheet(HTML) 44 Page - Analog Devices

Back Button ADE9078ACPZ-RL Datasheet HTML 40Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 41Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 42Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 43Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 44Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 45Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 46Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 47Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 108 page
background image
Data Sheet
ADE9078
Rev. 0 | Page 43 of 107
For example, with MTEN = 0, for single-point gain compensation
and AIGAIN, AVGAIN, APGAIN, and AWATTOS all = 0, the
Phase A total active energy has a digital gain of 1. Then, the
Phase A total active energy, accumulated in the user accessible
accumulator, overflows in 211 sec with the nominal full-scale
AWATT value of 20,823,646.
Maximum User Energy Accumulator Time (sec) =
sec
211
4000
20,823,646
2
44
Accessing the User Energy Registers
Each 45-bit user accessible signed energy accumulator is
divided into two registers: a register containing the 32 MSBs,
xHR_HI, and a register containing the 13 LSBs, xHR_LO, as
shown in Figure 64.
fDSP
0
INTERNAL ENERGY ACCUMULATOR
41
31
+
+
31
0
031
AWATTHR_HI
19
AWATT
AWATTHR_LO
Figure 64. Internal Energy Register to AWATTHR_HI and AWATTHR_LO
The expected user energy accumulation can be calculated
according to the following formula based on the average
AWATT value:
User Energy Accumulation = AWATT × (EGY_TIME + 1)
Then, AWATTHR_HI contains 32 MSBs, which can be
calculated by rounding the following equation down to the
nearest whole number:
AWATTHR_HI = ROUNDDOWN(User Energy
Accumulation × 2−13)
where ROUNDDOWN() is a function to round down to the
nearest integer.
Finally, AWATTHR_LO is calculated based on the two previous
values, as follows:
AWATTHR_LO = (User Energy Accumulation −
AWATT_EGY_USER_HI × 213) × 219
For example, if 4000 samples of AWATT are accumulated, with
full-scale inputs, the expected value of AWATTHR_HI is
0x009B 25F4 and AWATTHR_LO is 0xE600 0000.
User Energy Accumulation = 20,823,646 × (3999 + 1) =
83,294,584,000
AWATTHR_HI = ROUNDDOWN(83,294,584,000 × 2−13) =
10,167,795 = 0x009B 25F3
AWATTHR_LO = (83,294,584,000 − 10,167,795 × 213) × 219 =
3,858,759,680 = 0xE600 0000
To determine the consumption in watthours, the meter is
calibrated using the xIGAIN, xVGAIN, and xPGAIN registers.
Then, xWATTHR_HI × watthour/LSB = watthour. The
watthour/LSB constant is the same for all meters.
Read User Energy Register with Reset
If the RD_RST_EN bit is set in the EP_CFG register, when a
user accessible energy register is read, its contents are reset.
For example, if AWATTHR_HI is read, the AWATTHR_HI register
value goes to zero. The AWATTHR_LO register contents are not
modified.
It is not recommended to read the xHR_LO registers with reset.
User Energy Register Use Models
There are three main use models for energy accumulation, as
follows:
Read the energy register with reset
Accumulate energy over a defined number of line cycles
Accumulate energy over a defined number of samples
To read the energy register with reset, use the following settings:
Set the configuration register as follows:
EGY_LD_ACCUM = 0
EGY_TMR_MODE = 0
RD_RST_EN = 1
EGY_PWR_EN = 1
EGY_TIME = 1
For the output, read only the xHR_HI register, which has
enough resolution for most applications. The xHR_LO
register is maintained and accumulated and does not need
to be read by the user.
Set the maximum time before reading xHR_HI to prevent
overflow with full-scale inputs to 211 sec.
To accumulate energy over a defined number of line cycles, use
the following settings:
Set the configuration register as follows:
EGY_LD_ACCUM = 1
EGY_TMR_MODE = 1
RD_RST_EN = 0
EGY_PWR_EN = 1
EGY_TIME to the desired number of half line cycles
For the output, the xHR_HI register has enough resolution for
most applications. To maintain perfect synchronization
with the CF pulse output, the xHR_LO must be read as
well because it is cleared at every EGYRDY cycle.
Set the maximum time before reading xHR_HI to prevent
overflow with full-scale inputs to 26.4 sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com