Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE9078ACPZ-RL Datasheet(PDF) 84 Page - Analog Devices

Part # ADE9078ACPZ-RL
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078ACPZ-RL Datasheet(HTML) 84 Page - Analog Devices

Back Button ADE9078ACPZ-RL Datasheet HTML 80Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 81Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 82Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 83Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 84Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 85Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 86Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 87Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 108 page
background image
Data Sheet
ADE9078
Rev. 0| Page 83 of 107
Addr.
Name
Description
Len
(Bits)
Reset
Access
0x401
VPEAK
Voltage peak register.
32
0x00000000
R
0x402
STATUS0
Status Register 0.
32
0x00000000
R/W
0x403
STATUS1
Status Register 1.
32
0x00000000
R/W
0x404
EVENT_STATUS
Event Status Register.
32
0x00000000
R
0x405
MASK0
Interrupt Enable Register 0.
32
0x00000000
R/W
0x406
MASK1
Interrupt Enable Register 1.
32
0x00000000
R/W
0x407
EVENT_MASK
Event enable register.
32
0x00000000
R/W
0x40E
USER_PERIOD
User configured line period value used for resampling when the
UPERIOD_SEL bit in the CONFIG2 register is set.
32
0x00500000
R/W
0x40F
VLEVEL
Register used in the algorithm that computes the fundamental reactive
power.
32
0x00045D45
R/W
0x418
APERIOD
Line period on Phase A voltage.
32
0x00A00000
R
0x419
BPERIOD
Line period on Phase B voltage.
32
0x00A00000
R
0x41A
CPERIOD
Line period on Phase C voltage.
32
0x00A00000
R
0x41B
COM_PERIOD
Line period measurement on combined signal from Phase A, Phase B, and
Phase C voltages.
32
0x00A00000
R
0x41C
ACT_NL_LVL
No load threshold in the total active power datapath.
32
0x0000FFFF
R/W
0x41D
REACT_NL_LVL
No load threshold in the total and fundamental reactive power datapath.
32
0x0000FFFF
R/W
0x41E
APP_NL_LVL
No load threshold in the total apparent power datapath.
32
0x0000FFFF
R/W
0x41F
PHNOLOAD
Phase no load register.
32
0x00000000
R
0x420
WTHR
Sets the maximum output rate from the digital to frequency converter for
the total active power for the CF calibration pulse output. It is
recommended to write WTHR = 0x0010 0000.
32
0x0000FFFF
R/W
0x421
VARTHR
Sets the maximum output rate from the digital to frequency converter for
the total and fundamental reactive power for the CF calibration pulse
output. It is recommended to write VARTHR = 0x0010 0000.
32
0x0000FFFF
R/W
0x422
VATHR
Sets the maximum output rate from the digital to frequency converter for
the total apparent power for the CF calibration pulse output. It is
recommended to write VATHR = 0x0010 0000.
32
0x0000FFFF
R/W
0x423
LAST_DATA_32
This register holds the data read or written during the last 32-bit
transaction on the SPI port.
32
0x00000000
R
0x424
ADC_REDIRECT
This register allows any ADC output to be redirected to any digital
datapath.
32
0x001FFFFF
R/W
0x425
CF_LCFG
CF calibration pulse width configuration register.
32
0x00000000
R/W
0x472
PART_ID
This register identifies the IC. If the ADE9000_ID bit is 0, the IC is an ADE9078.
32
0x00000000
R
0x480
RUN
Write this register to 1 to start the measurements.
16
0x0000
R/W
0x481
CONFIG1
Configuration Register 1.
16
0x0000
R/W
0x482
ANGL_VA_VB
Time between positive to negative zero crossings on Phase A and Phase B
voltages.
16
0x0000
R
0x483
ANGL_VB_VC
Time between positive to negative zero crossings on Phase B and Phase C
voltages.
16
0x0000
R
0x484
ANGL_VA_VC
Time between positive to negative zero crossings on Phase A and Phase C
voltages.
16
0x0000
R
0x485
ANGL_VA_IA
Time between positive to negative zero crossings on Phase A voltage and
current.
16
0x0000
R
0x486
ANGL_VB_IB
Time between positive to negative zero crossings on Phase B voltage and
current.
16
0x0000
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com