Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE9078ACPZ-RL Datasheet(PDF) 55 Page - Analog Devices

Part # ADE9078ACPZ-RL
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078ACPZ-RL Datasheet(HTML) 55 Page - Analog Devices

Back Button ADE9078ACPZ-RL Datasheet HTML 51Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 52Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 53Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 54Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 55Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 56Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 57Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 58Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 54 of 107
Similarly, VPEAK stores the peak voltage value in VPEAKVAL,
Bits[23:0]. VPEAKVAL is equal to xV_PCF/25.
VPPHASE, Bit 2 indicates that Phase C had the peak voltage
value; VPPHASE, Bit 1 indicates Phase B; and VPPHASE, Bit 0
indicates Phase A.
When the user reads the IPEAK register, its value is reset. The
same is true for reading VPEAK.
MEASUREMENTS (PSM2)
Overview
It is possible to tamper with an energy meter by disconnecting
the voltage inputs or the neutral. Some regions require monitoring
of the current inputs for several days after the voltage inputs to
the meter have been cut, to check for this kind of tamper condition.
The PSM1 and PSM2 operating modes in conjunction with
PSM3 enable low power consumption when checking for and
billing for a tamper of this kind.
To use this feature, first write the PSM2_CFG register to
configure the current threshold to compare the input current
level to and for how long to perform the detection while in
either PSM0 or PSM1 operating modes. Then, change the PM1
and PM0 pins to 1 and 0, respectively, to select the PSM2
operating mode. To achieve the specified accuracy, stay in
PSM2 mode for the time indicated in Table 8 before checking
the IRQ0 and IRQ1 pins to see if a tamper has occurred.
If no tampering is detected, change the PM1 and PM0 pins to 1
and 1, respectively, to enter PSM3 for one minute. Then, enter
PSM2 by making PM1 and PM0 pins to 1 and 0, respectively, to
check for tamper and begin the process again.
Low Power Comparator
In the PSM2 operating mode, the ADE9078 enters a low power
state where only a low power comparator is active. The 1.8 V
LDOs, ADCs, DSP, and crystal oscillator are turned off.
In this mode, the input currents (IA, IB, IC) are compared
against a user selected level set in PSM2_CFG register.
The IRQ0 and IRQ1 pins indicate whether any of the three
currents exceeds the threshold. The amount of time allowed for the
detection is decided by the user and set in the LPLINE bits of
the PSM2_CFG register. The measurement time is the period of
(LPLINE + 4)/50 sec. The ADE9078 indicates that a tamper is
detected if at least LPLINE + 1 peaks are obtained on a current
channel. The maximum allowed value in LPLINE is 0x0A.
For example, if LPLINE = 2, six cycles of measurement time and
three peaks are required on a given channel to indicate a tamper
event.
The level to compare the current against is set in the
PSM2_CFG register, PKDET_LVL bits, as shown in Table 22.
Table 22. PSM2 Current Peak Detect Thresholds
PKDET_LVL
Threshold Level
0
144:1
1
271:1
2
377:1
3
498:1
4
578:1
5
660:1
6
764:1
7
845:1
8
970:1
9
1100:1
10
1196:1
11
1312:1
12
1371:1
13
1464:1
14
1559:1
15
1629:1
After the configured measurement time set and (LPLINE +
4)/50 sec has elapsed, the IRQ0 and IRQ1 pins indicate if a
tamper has occurred. If IRQ0 is low, all the currents have had
less than LPLINE + 1 peaks; no tamper is detected. If IRQ1 is
low, at least one current was above LPLINE + 1 peaks and a
tamper is detected.
After the tamper is detected, switch to PSM1 power mode by
changing the PM1 and PM0 pins to 0 and 1, respectively, to
measure key measurements quickly: IRMS, VRMS, active
power, VAR, VA, and others (see the Measurements (PSM1)
section for more information).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com