Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE9078ACPZ-RL Datasheet(PDF) 64 Page - Analog Devices

Part # ADE9078ACPZ-RL
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078ACPZ-RL Datasheet(HTML) 64 Page - Analog Devices

Back Button ADE9078ACPZ-RL Datasheet HTML 60Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 61Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 62Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 63Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 64Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 65Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 66Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 67Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 108 page
background image
Data Sheet
ADE9078
Rev. 0 | Page 63 of 107
SPI WRITE
A write operation using the SPI interface of the ADE9078 is initiated
when the SS pin goes low and the ADE9078 receives a 16-bit
command header (CMD_HDR), with CMD_HDR, Bit 3 = 0.
The 16-bit or 32-bit data to write follows the command header,
with the MSB first.
After the last bit of data has been clocked out, the master brings
the SS line high to release the SPI bus. It is recommended to
have the SCLK line idle high.
SPI READ
A read operation using the SPI interface of the ADE9078 is initiated
when the SS pin goes low and the ADE9078 receives a 16-bit com-
mand header (CMD_HDR), with CMD_HDR, Bit 3 = 1.
The 16-bit or 32-bit data from the register follows the command
header, with the MSB first.
The CRC of the register data is appended if
•
BURST_EN = 0 and the address is within the range of
Address 0x000 to Address 0x6FF.
•
BURST_EN = 0 and the address is in the waveform buffer,
Address 0x800 to Address 0xFFF and BURST_CHAN = 1111b.
The ADE9078 provides a SPI burst read functionality—instead
of sending the CRC, the following data is sent from the next
address if these conditions apply (see the SPI Burst Read section
for more information):
•
BURST_EN = 1 and the address is within the range of
Address 0x500 to Address 0x516, Address 0x600 to
Address 0x63C, or Address 0x680 to Address 0x6BC.
•
The address is within the range of Address 0x800 to
Address 0xFFF and BURST_CHAN is not equal to 1111b.
If none of these cases apply, and extra clocks are sent, the
original read data is resent.
Table 25 summarizes what data is sent after the data from the
register addressed in the CMD_HDR—it varies based on the
address being accessed and the BURST_EN selection.
Table 25. Data Clocked Out After Addressed Data in SPI
Read Operation
Address
BURST_EN = 0
BURST_EN = 1
0x000 to 0x4FF
CRC
Same data is resent
0x500 to 0x6FF
CRC
Next address
0x800 to 0xFFF
(Waveform Buffer)
If BURST_CHAN =
1111, CRC;
otherwise, next
address
If BURST_CHAN =
1111, the same data
is resent; otherwise,
next address
If this information is not needed in the application, the SS line
can be brought high before clocking out the CRC.
After the last bit of data, or CRC, is clocked out, the master
must bring the SS line high to release the SPI bus. Then the
ADE9078 stops driving MISO and enables a 100 kΩ weak pull-
up. It is recommended to have the SCLK line idle high.
An example of what happens when reading the AVGAIN register,
Address 0x00B, when BURST_EN = 0 and 1, is given in Figure 100.
SCLK
MOSI
CMD_HDR = 0x00B8
MISO
AVGAIN AT 0x00B
SS
CRC, 16 BITS
0 15
0
0
31
0
MISO
0
BURST_EN = 0
ADDRESS 0x000 TO
ADDRESS 0x6FF
BURST_EN = 1,
ADDRESS 0x000 TO
ADDRESS 0x6FF
AVGAIN AT 0x00B AVGAIN AT 0x00B
Figure 100. SPI Read Protocol Example Where the Following Data Is the CRC
or the Initial Data Is Repeated
SPI BURST READ
SPI burst read allows multiple registers to be read after sending
one CMD_HDR. After the register data has been clocked out,
the ADE9078 auto-increments the address and starts clocking
out the data from the next register address.
SPI burst read access is available on registers with addresses
ranging from Address 0x500 to Address 0x6FF and in the
waveform buffer, with Address 0x800 to Address 0xFFF. SPI
burst read is not available on other register addresses. A SPI
burst read operation occurs for the options in Table 25 where
the next address is written.
To enable burst read functionality on the registers from
Address 0x500 to Address 0x6FF, set the BURST_EN bit in
the CONFIG1 register to 1.
The waveform buffer burst read functionality is enabled by default
and is managed by BURST_CHAN in the WFB_CFG register. If
these bits are set to 1111b, the burst read functionality of the
waveform buffer is disabled. For further details on the burst
read operation of waveform buffer contents, see the Burst Read
Waveform Buffer Samples from SPI section.
A burst read operation using the SPI interface of the ADE9078
is initiated when the SS pin goes low and the ADE9078 receives a
16-bit command header (CMD_HDR), with CMD_HDR, Bit 3 = 1
that meets the criteria in Table 25 where the next address is written.
Following the command header, the ADE9078 sends the register
data for the register addressed in the command. After the last bit
of the first register value is received, the ADE9078 auto-increments
the address and starts clocking out the data from the next register
address. This process continues until the master sets the SS line
high. If the starting address is in the range of Address 0x500 to
Address 0x516 and the SPI is clocked beyond Address 0x516,
the address is auto-incremented until it reaches Address 0x5FF
and then wraps back to the initial address. If the initial address
is in the Address 0x600 to Address 0x63C or Address 0x680 to
Address 0x6BC range and the SPI is clocked beyond Address 0x63C
or Address 0x6BC, it wraps back to the initial address. Note that
certain reserved registers in the valid SPI burst address range
reads zero during burst read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com