Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE9078ACPZ-RL Datasheet(PDF) 85 Page - Analog Devices

Part # ADE9078ACPZ-RL
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078ACPZ-RL Datasheet(HTML) 85 Page - Analog Devices

Back Button ADE9078ACPZ-RL Datasheet HTML 81Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 82Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 83Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 84Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 85Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 86Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 87Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 88Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 84 of 107
Addr.
Name
Description
Len
(Bits)
Reset
Access
0x487
ANGL_VC_IC
Time between positive to negative zero crossings on Phase C voltage and
current.
16
0x0000
R
0x488
ANGL_IA_IB
Time between positive to negative zero crossings on Phase A and Phase B
current.
16
0x0000
R
0x489
ANGL_IB_IC
Time between positive to negative zero crossings on Phase B and Phase C
current.
16
0x0000
R
0x48A
ANGL_IA_IC
Time between positive to negative zero crossings on Phase A and Phase C
current.
16
0x0000
R
0x490
CFMODE
CFx configuration register.
16
0x0000
R/W
0x491
COMPMODE
Computation mode register.
16
0x0000
R/W
0x492
ACCMODE
Accumulation mode register.
16
0x0000
R/W
0x493
CONFIG3
Configuration Register 3.
16
0x0000
R/W
0x494
CF1DEN
CF1 denominator register.
16
0xFFFF
R/W
0x495
CF2DEN
CF2 denominator register.
16
0xFFFF
R/W
0x496
CF3DEN
CF3 denominator register.
16
0xFFFF
R/W
0x497
CF4DEN
CF4 denominator register.
16
0xFFFF
R/W
0x498
ZXTOUT
Zero-crossing timeout configuration register.
16
0xFFFF
R/W
0x499
ZXTHRSH
Voltage channel zero-crossing threshold register.
16
0x0009
R/W
0x49A
ZX_LP_SEL
This register selects which zero crossing and which line period
measurement are used for other calculations.
16
0x001E
R/W
0x49C
SEQ_CYC
Number of line cycles used for phase sequence detection. It is
recommended to set this register to 1.
16
0x00FF
R/W
0x49D
PHSIGN
Power sign register.
16
0x0000
R
0x4A0
WFB_CFG
Waveform buffer configuration register.
16
0x0000
R/W
0x4A1
WFB_PG_IRQEN
This register enables interrupts to occur after specific pages of the
waveform buffer have been filled.
16
0x0000
R/W
0x4A2
WFB_TRG_CFG
This register enables events to trigger a capture in the waveform buffer.
16
0x0000
R/W
0x4A3
WFB_TRG_STAT
This register indicates the last page that was filled in the waveform buffer
and the location of trigger events.
16
0x0000
R/W
0x4A4
CONFIG5
Configuration Register 5.
16
0x0063
R/W
0x4A8
CRC_RSLT
This register holds the CRC of configuration registers.
16
0x0000
R
0x4A9
CRC_SPI
This register holds the 16-bit CRC of the data sent out on the MOSI pin
during the last SPI register read.
16
0x0000
R
0x4AC
LAST_DATA_16
This register holds the data read or written during the last 16-bit
transaction on the SPI port.
16
0x0000
R
0x4AE
LAST_CMD
This register holds the address and read/write operation request
(CMD_HDR) for the last transaction on the SPI port.
16
0x0000
R
0x4AF
CONFIG2
Configuration Register 2.
16
0x0C00
R/W
0x4B0
EP_CFG
Energy and power accumulation configuration.
16
0x0000
R/W
0x4B1
PWR_TIME
Power update time configuration.
16
0x00FF
R/W
0x4B2
EGY_TIME
Energy accumulation update time configuration.
16
0x00FF
R/W
0x4B4
CRC_FORCE
This register forces an update of the CRC of configuration registers.
16
0x0000
R/W
0x4B5
CRC_OPTEN
This register selects which registers are optionally included in the
configuration register CRC feature.
16
0x0000
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com