Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE9078ACPZ-RL Datasheet(PDF) 90 Page - Analog Devices

Part # ADE9078ACPZ-RL
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078ACPZ-RL Datasheet(HTML) 90 Page - Analog Devices

Back Button ADE9078ACPZ-RL Datasheet HTML 86Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 87Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 88Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 89Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 90Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 91Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 92Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 93Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 108 page
background image
Data Sheet
ADE9078
Rev. 0| Page 89 of 107
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
0x21D AMTREGION
[31:4]
RESERVED
Reserved.
0x0
R
[3:0]
AREGION
If multipoint gain and phase compensation is
enabled, with MTEN = 1 in the CONFIG0 register,
these bits indicate which AIGAINx and APHCALx is
currently being used.
0xF
R
0000 AIGAIN0, APHCAL0.
0001 AIGAIN1, APHCAL1.
0010 AIGAIN2, APHCAL2.
0011 AIGAIN3, APHCAL3.
0100 AIGAIN4, APHCAL4.
1111 This feature is disabled because MTEN = 0 in the
CONFIG0 register.
0x23D BMTREGION
[31:4]
RESERVED
Reserved.
0x0
R
[3:0]
BREGION
If multipoint gain and phase compensation is
enabled, with MTEN = 1 in the CONFIG0 register,
these bits indicate which BIGAINx and BPHCALx is
currently being used.
0xF
R
0000 BIGAIN0, BPHCAL0.
0001 BIGAIN1, BPHCAL1.
0010 BIGAIN2, BPHCAL2.
0011 BIGAIN3, BPHCAL3.
0100 BIGAIN4, BPHCAL4.
1111 This feature is disabled because MTEN = 0 in the
CONFIG0 register.
0x25D CMTREGION
[31:4]
RESERVED
Reserved.
0x0
R
[3:0]
CREGION
If multipoint gain and phase compensation is
enabled, with MTEN = 1 in the CONFIG0 register,
these bits indicate which CIGAINx and CPHCALx is
currently being used.
0xF
R
0000 CIGAIN0, CPHCAL0.
0001 CIGAIN1, CPHCAL1.
0010 CIGAIN2, CPHCAL2.
0011 CIGAIN3, CPHCAL3.
0100 CIGAIN4, CPHCAL4.
1111 This feature is disabled because MTEN = 0 in the
CONFIG0 register.
0x400 IPEAK
[31:27] RESERVED
Reserved.
0x0
R
[26:24] IPPHASE
These bits indicate which phases generate
IPEAKVAL value. Note that the PEAKSEL[2:0] bits in
the CONFIG3 register determine which current
channel to monitor the peak value on. When
IPPHASE, Bit 0 is set to 1, Phase A current
generated IPEAKVAL, Bits[23:0] value. Similarly,
IPPHASE, Bit 1 indicates Phase B and IPPHASE, Bit 2
indicates Phase C current generated the peak
value.
0x0
R
[23:0]
IPEAKVAL
The IPEAK register stores the absolute value of the
peak current. IPEAK is equal to xI_PCF/25.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com