Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE9078ACPZ-RL Datasheet(PDF) 73 Page - Analog Devices

Part # ADE9078ACPZ-RL
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078ACPZ-RL Datasheet(HTML) 73 Page - Analog Devices

Back Button ADE9078ACPZ-RL Datasheet HTML 69Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 70Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 71Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 72Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 73Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 74Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 75Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 76Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 72 of 107
Example 3: Fixed Data Rate Data, Single Address Read
Mode
In this example, WFB_CAP_SEL = 1 and BURST_CHAN =
1111 in the WFB_CFG register, which indicates that there is
fixed data rate data in the waveform buffer, and the user wants
to read out one single address. A command is sent to read
Address 0x801, which is interpreted as a read to Address 0x801. The
first 32 SPI clocks return the VA waveform from Address 0x801,
followed by CRC if BURST_EN = 0. If BURST_EN = 1, the VA
waveform data from Address 0x801 is repeated again. This
example is depicted in Figure 112.
Example 4: Resampled Data, Single Address Read Mode
In this example, WFB_CAP_SEL = 0 and BURST_CHAN =
1111 in the WFB_CFG register, which indicates that there is
resampled data in the waveform buffer, and the user wants to read
out one a single address. A command is sent to read Address 0x801,
which is interpreted as a read to Address 0x801. The first 16 SPI
clocks return the VA waveform from Address 0x801, followed
by the IA waveform from Address 0x801, and, finally, the CRC
if BURST_EN = 0. If BURST_EN = 1, the VA and IA waveform
data from Address 0x801 is repeated again. This example is
depicted in Figure 113.
SCLK
MOSI
CMD_HDR = 0x8018
MISO
IA AT 0x800, 32 BITS
SS
IA AT 0x808, 32 BITS
VA AT 0x801, 32 BITS IB AT 0x802,32 BITS VB AT 0x803, 32 BITS
IN AT 0x806, 32 BITS
Figure 110. Waveform Buffer SPI Burst Read of Fixed Data Rate Samples, with BURST_CHAN = 0000, to Read out All Channels (the Default State of the MOSI Pin
Depends on the Master SPI Device; It Is Assumed to Be High (Logic 1))
SCLK
MOSI
MISO
SS
CMD_HDR = 0x8018
IC AT 0x802, 16 BITS
VC AT 0x802, 16 BITS
IC AT 0x806, 16 BITS
VC AT 0x806, 16 BITS
IC AT 0x80A, 16 BITS
Figure 111. Waveform Buffer SPI Burst Read of Resampled Data, with BURST_CHAN = 0011, to Read out IC and VC Data
SCLK
MOSI
MISO
MISO
SS
CMD_HDR = 0x8018
VA AT 0x801, 32 BITS
31
CRC, 16 BITS
0 15
0
15
0
31
0
31
0
BURST_EN = 0
ADDRESS 0x800 TO 0xFFF
BURST_CHAN = 1111
BURST_EN = 1
ADDRESS 0x800 TO 0xFFF
BURST_CHAN = 1111
VA AT 0x801, 32 BITS
VA AT 0x801, 32 BITS
Figure 112. Waveform Buffer SPI Single Address Read of Fixed Rate Data with BURST_CHAN = 1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com