Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE9078ACPZ-RL Datasheet(PDF) 47 Page - Analog Devices

Part # ADE9078ACPZ-RL
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078ACPZ-RL Datasheet(HTML) 47 Page - Analog Devices

Back Button ADE9078ACPZ-RL Datasheet HTML 43Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 44Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 45Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 46Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 47Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 48Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 49Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 50Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 46 of 107
IRMS, VRMS, and Active Power VAR
The PSM1 mode uses a different computation method than is
done in PSM0. These measurements are computed over 20 ms.
Table 1 gives the expected accuracy achieved 40.5 ms after
setting the run register. Figure 66 shows the current channel
datapath for the ADE9078 PSM1.
To calibrate these measurements, write the xIGAIN, xVGAIN,
and xPGAIN registers before writing the run register to start
the calculation. Note that this measurement is updated every
10 ms. There is an option to enable the RMSRDY interrupt in
MASK0 to indicate when this result is ready. This interrupt
occurs every 10 ms; thus, several interrupts are required to
reach 40 ms for the specified accuracy.
Note that these PSM1 IRMS, VRMS, active power, and VAR
measurements are total bandwidth measurements—they are
done over the whole measurement bandwidth given in Table 1.
PSM1 Startup Flow from PSM2 and PSM3
To start up PSM1 from PSM2 and PSM3, follow these steps:
1.
Wait for the RSTDONE interrupt indicated by the IRQ1
pin going low.
2.
Configure the xIGAIN, xVGAIN, and xPGAIN registers
via the SPI to calibrate the measurements.
3.
Write run = 1.
4.
Wait 40.5 ms, then read the results in the xIRMS, xVRMS,
xWATT, and xVAR registers.
5.
Optionally, enable the RMSRDY interrupt in MASK0 to
indicate when this result is ready. This interrupt occurs
every 10 ms; thus, several interrupts are required to reach
40 ms for the specified accuracy.
PSM1 Startup Flow from PSM0
To start up PSM1 from PSM0, follow these steps:
1.
If the voltage sags, the host microcontroller changes the PM1
and PM0 pins to 0 and 1, respectively, to change to the PSM1
measurement mode.
2.
The configured values in the xIGAIN, xVGAIN, and
xPGAIN registers remain valid.
3.
Wait 40.5 ms, then read the results in the xIRMS, xVRMS,
xWATT, and xVAR registers.
4.
Optionally, enable the RMSRDY interrupt in MASK0 to
indicate when this result is ready. This interrupt occurs
every 10 ms; thus, several interrupts are required to reach
40 ms for the specified accuracy.
xIGAIN
HPF
RESAMPLED WAVEFORM
DATA RANGE
CURRENTPEAK
DETECTION
REFERENCE
Σ-∆
MODULATOR
VIN
IN
ADE9078 CURRENT CHANNE L (IA, IB, IC)
SINC4
LPF
4:1
LPF1
xIGAINx
PHASE
COMP
WAVEFORM
BUFFER
INTEGRATOR
WF_SRC
WF_CAP_SEL
MTEN
HPFDIS
INTEN
ICONSEL*
IB = –IA – IC
CURRENT CHANNEL (xI_PCF)
DATA RANGE
xI_PCF
ADC_
REDIRECT
MUX
NOTE: ICONSEL ONLY AFFECTS IB CHANNEL CALCULATION
PSM1TOTALACTIVEANDREACTIVE
POWERCALCUL ATION
PSM1 CURRENT RMS
CALCULATIONS
ZX_SRC_SEL
ZX DETECTION
NOT AVAILABLE IN ADE9078 PSM1
0V
0xFBFF FB90 =
–67,110,000
0x0471 15C0 =
+74,520,000
0V
SINC4 + IIR LPF (xI_LPF_DAT)
DATA RANGE
SINC4 OUTPUT (xI_SINC_DAT)
DATA RANGE
0x0400 0470 =
+67,110,000
0xFB8E EA40 =
–74,520,000
0x0474 E650 =
+74,770,000
0xFB8B 19B0 =
–74,770,000
4 kSPS
Figure 66. Current Channel PSM1 Datapath



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com