Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE9078ACPZ-RL Datasheet(PDF) 46 Page - Analog Devices

Part # ADE9078ACPZ-RL
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078ACPZ-RL Datasheet(HTML) 46 Page - Analog Devices

Back Button ADE9078ACPZ-RL Datasheet HTML 42Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 43Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 44Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 45Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 46Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 47Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 48Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 49Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 108 page
background image
Data Sheet
ADE9078
Rev. 0 | Page 45 of 107
Energy and Phase Selection
The CFxSEL[2:0] bits in the CFMODE register select which
type of energy to output on the CFx pin, including total active
power, VAR, VA, or fundamental VAR. The TERMSELx bits in the
COMPMODE register select which phase energies to include in
the CFx output.
For example, with CF1SEL = 000 and TERMSEL1 = 111, CF1
indicates the total active power output of Phase A, Phase B, and
Phase C.
To calibrate the Phase A, Phase B, and Phase C total active
power accumulation at the same time, using CF1 for total
AWATT, CF2 for total BWATT, and CF3 for total CWATT,
configure TERMSEL1 = 010, and TERMSEL2 = 100.
Configuring the Maximum CF Pulse Output Frequency
The xTHR registers determine the maximum output rate from
the digital to frequency converter. It is recommended to write
xTHR = 0x0010 0000. After the CFxDEN pulses are generated,
a CFx pulse is issued. CFxDEN can range from 2 to 65,535. The
relationship between the xTHR, CFxDEN, and AWATT values
is given in the following equation:
×
×
×
=
CFxDEN
xTHR
AWATT
f
CF
DTOF
512
(Hz)
where:
fDTOF is 4.096 MHz.
AWATT is the value at full scale, 20,823,646.
xTHR is 0x0010 0000.
CFxDEN is 2.
The maximum recommended CF pulse output frequency is
79.4 kHz.
kHz
4
.
79
2
512
0000
0010
x
0
20,823,646
10
096
.
4
(Hz)
6
=
×
×
×
×
=
CF
Maximum
The default CFx pulse output using power on reset values of
xTHR and CFxDEN with full-scale inputs is
Hz
8
.
38
xFFFF
0
512
FFFF
0000
x
0
20,823,646
10
096
.
4
(Hz)
6
=
×
×
×
×
=
CF
Maximum
Configuring the CF Pulse Width
The pulse width is determined by the CFx_LT bit in the
CF_LCFG register and the CF_LTMR register value.
When CFx_LT = 0, the active low pulse width is set at 80 ms for
frequencies lower than 1/(2 × 80 ms) = 6.25 Hz. For higher
frequencies, the duty cycle is 50% if CFxDEN is even or (1 +
1/CFxDEN) × 50% if CFxDEN is odd.
If CFx_LT is set to 1, the CF active low pulse width is CF_LTMR ×
6/CLKIN. The maximum CF_LTMR value is 327,680 =
0x0005 0000, which results in a 327,680/(6/CLKIN) = 80 ms pulse.
CF_LTMR must be greater than zero.
CFx Pulse Sign
Some applications must record positive and negative energy
usage separately. To enable this operation, the SUMxSIGN bits
in the PHSIGN register indicate whether the sum of the energy
that went into the last CFx pulse was positive or negative.
SUMxSIGN = 0 if the sum of the energy that went into the CFx
pulse is positive and equal to one if the sum of the energy was
negative.
Additionally, the REVPSUMx bits in the STATUS0 register and
EVENT_STATUS register indicate if the CFx polarity changed
sign. For example, if the last CF2 pulse was positive reactive
energy and the next CF2 pulse is negative reactive energy, the
REVPSUM2 bit in the STATUS0 and EVENT_STATUS registers is
set, which can be enabled to generate an interrupt on IRQ0.
Clearing the CFx Accumulator
The user may want to clear out a partial CFx accumulation, for
example, during the power up and initialization process. To clear
the accumulation in the digital to frequency converter and CFDEN
counter, write 1 to the CF_ACC_CLR bit in the CONFIG1 register.
The CF_ACC_CLR bit automatically clears itself.
Disabling the CFx Pulse Output and CFx Interrupt
To disable the CFx pulse output and keep the CFx output high,
write a one to the CFxDIS bit in the CFMODE register. If the
CFxDIS bit in the CFMODE register is set, the CFx bit in
STATUS0 is not set when a new CFx pulse is ready. Note that
the REVPSUMx bits, which indicate if CFx pulses were positive
or negative, are not affected by the CFxDIS setting.
MEASUREMENTS (PSM1)
Overview
It is possible to tamper an energy meter by disconnecting the
voltage inputs or the neutral. Some regions require monitoring
of the current inputs for several days after the voltage inputs to
the meter have been cut, to check for this kind of tamper condition.
The PSM1 and PSM2 operating modes in conjunction with
PSM3 enable low power consumption when checking for and
billing for a tamper of this kind.
PSM1 enables fast measurement of IRMS, VRMS, active power,
and VAR with a reduced set of functions compared to PSM0.
To measure using PSM1, change the PM1 and PM0 pins to 0
and 1, respectively, to select the PSM1 operating mode. Then,
configure the IC by writing to the xIGAIN, xVGAIN, and
xPGAIN registers. Write to the run register to start the measure-
ments. To achieve the specified accuracy, stay in PSM1 mode for
the time indicated in Table 8 before reading the measurement
results via the SPI port (see the PSM1 Startup Flow section for
detailed information).
After the PSM1 results are read, change the PM1 and PM0 pins
to 1 and 1, respectively, to enter PSM3 for one minute. Then,
enter PSM1 by making PM1 and PM0 pins equal to 1 and 0,
respectively, to make measurements and begin the process again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com