Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR2T6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STR712FR2T6
Description  ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR2T6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STR712FR2T6 Datasheet HTML 3Page - STMicroelectronics STR712FR2T6 Datasheet HTML 4Page - STMicroelectronics STR712FR2T6 Datasheet HTML 5Page - STMicroelectronics STR712FR2T6 Datasheet HTML 6Page - STMicroelectronics STR712FR2T6 Datasheet HTML 7Page - STMicroelectronics STR712FR2T6 Datasheet HTML 8Page - STMicroelectronics STR712FR2T6 Datasheet HTML 9Page - STMicroelectronics STR712FR2T6 Datasheet HTML 10Page - STMicroelectronics STR712FR2T6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
STR71xF - INTRODUCTION
7/49
Figure 1. STR71xF Block Diagram
USBDP
USBDN
P0[15:0]
I/O PORT 0
FLASH
MEMORY
64/128/256K
I2C0
I2C1
BSPI0
BSPI1
UART0
UART1 /
UART2
UART3
USB
CAN
HDLC
APB
BRIDGE 1
APB
BRIDGE 2
TIMER1
TIMER2
TIMER3
RTC
EXT INT (XTI)
WATCHDOG
INTERRUPT CTL(EIC)
A/D
POWER SUPPLY
PRCCU/PLL
RAM
16/32/64K
JTAG
ARM7TDMI
CPU
EXT. MEM.
STDBY
2 AF
4 AF
4 AF
2 AF
3 AF
2 AF
2 AF
2 AF
3 AF
4 AF
4 AF
2 AF
4 AF
A[19:0]
D[15:0]
RDN
WEN[1:0]
RTCXTO
RTCXTI
WAKEUP
JTDI
JTCK
JTMS
JTRST
JTDO
CK
CKOUT
RSTIN
V18[1:0]
V33[6:0]
VSS[9:0]
V18BKP
14 AF
OSC
DBGRQS
BOOTEN
VREG
AVDD
AVSS
P1[15:0]
I/O PORT 1
P2[15:0]
I/O PORT 2
TIMER0
CS[3:0)
2 AF
1 AF
AF: alternate function on I/O port pin
INTERFACE (EMI)
A[23:20]
SMART CARD
16K RWW FLASH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com