Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR2T6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STR712FR2T6
Description  ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR2T6 Datasheet(HTML) 4 Page - STMicroelectronics

  STR712FR2T6 Datasheet HTML 1Page - STMicroelectronics STR712FR2T6 Datasheet HTML 2Page - STMicroelectronics STR712FR2T6 Datasheet HTML 3Page - STMicroelectronics STR712FR2T6 Datasheet HTML 4Page - STMicroelectronics STR712FR2T6 Datasheet HTML 5Page - STMicroelectronics STR712FR2T6 Datasheet HTML 6Page - STMicroelectronics STR712FR2T6 Datasheet HTML 7Page - STMicroelectronics STR712FR2T6 Datasheet HTML 8Page - STMicroelectronics STR712FR2T6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
STR71xF - INTRODUCTION
4/49
Optional External Memory (STR710F)
The non-multiplexed 16-bit data/24-bit address bus available on the STR710F (144-pin)
supports four 16-Mbyte banks of external memory. Wait states are programmable individually
for each bank allowing different memory types (Flash, EPROM, ROM, SRAM etc.) to be used
to store programs or data.
Figure 1 shows the general block diagram of the device family.
Flexible Power Management
To minimize power consumption, you can program the STR71xF to switch to SLOW, WAIT
FOR INTERRUPT, STOP or STANDBY mode depending on the current system activity in the
application.
Flexible Clock Control
Two external clock sources can be used, a main clock and a 32 kHz backup clock. The
embedded PLL allows the internal system clock (up to 50 MHz) to be generated from a main
clock frequency of 16 MHz or less. The PLL output frequency can be programmed using a
wide selection of multipliers and dividers.
Voltage Regulators
The STR71xF requires an external 3.0-3.6V power supply. There are two internal Voltage
Regulators for generating the 1.8V power supply for the core and peripherals. The main VR is
switched off and the Low Power VR switched on when the application puts the STR71xF in
Standby or Low Power Wait for Interrupt (LPWFI) mode.
Low Voltage Detectors
Each voltage regulator has an embedded LVD that monitors the internal 1.8V supply. If the
voltage drops below a certain threshold, the LVD will reset the STR71xF.
On-Chip Peripherals
CAN Interface (STR710F and STR712F)
The CAN module is compliant with the CAN specification V2.0 part B (active). The bit rate can
be programmed up to 1 MBaud.
USB Interface (STR710F and STR711F)
The full-speed USB interface is USB V2.0 compliant and provides up to 8 bidirectional/16
unidirectional endpoints, up to 12 Mb/s (full-speed), support for bulk transfer and USB
Suspend/Resume functions.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com