Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR2T6 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STR712FR2T6
Description  ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR2T6 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STR712FR2T6 Datasheet HTML 22Page - STMicroelectronics STR712FR2T6 Datasheet HTML 23Page - STMicroelectronics STR712FR2T6 Datasheet HTML 24Page - STMicroelectronics STR712FR2T6 Datasheet HTML 25Page - STMicroelectronics STR712FR2T6 Datasheet HTML 26Page - STMicroelectronics STR712FR2T6 Datasheet HTML 27Page - STMicroelectronics STR712FR2T6 Datasheet HTML 28Page - STMicroelectronics STR712FR2T6 Datasheet HTML 29Page - STMicroelectronics STR712FR2T6 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
STR71xF - INTRODUCTION
26/49
1.5 External Connections
Figure 5. Recommended External Connection of V18 and V18BKP pins
1.6 I/O Port Configuration
Table 7. Port Bit Configuration Table
Port Configuration
Registers (bit)
Values
PC0(n)
01
010
101
PC1(n)
00
110
011
PC2(n)
00
001
111
Configuration
HiZ/AIN
IN
IN
IPUPD
OUT
OUT
AF
AF
Output
TRI
TRI
TRI
WP
OD
PP
OD
PP
Input
AIN
TTL
CMOS
CMOS
N.A.
N.A.
CMOS
CMOS
Notes:
AF: Alternate Function
OD: Open Drain
AIN: Analog Input
OUT: Output
IPUPD: Input Pull Up /Pull Down
PP: Push-Pull
CMOS: CMOS Input levels
TRI: Tristate
HiZ: High impedance
TTL: TTL Input levels
IN: Input
WP: Weak Push-Pull
N.A. not applicable. In Output mode, a read access to the
port gets the output latch value).
TQFP144
TQFP64
58
57
27
129 128
33 nF
59
10 µF
10 µF
33 nF
54 55
1µF
25 26
1µF
28
58
V18BKP
V18
V18
V18
V18
V18BKP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com