Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR2T6 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STR712FR2T6
Description  ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR2T6 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STR712FR2T6 Datasheet HTML 24Page - STMicroelectronics STR712FR2T6 Datasheet HTML 25Page - STMicroelectronics STR712FR2T6 Datasheet HTML 26Page - STMicroelectronics STR712FR2T6 Datasheet HTML 27Page - STMicroelectronics STR712FR2T6 Datasheet HTML 28Page - STMicroelectronics STR712FR2T6 Datasheet HTML 29Page - STMicroelectronics STR712FR2T6 Datasheet HTML 30Page - STMicroelectronics STR712FR2T6 Datasheet HTML 31Page - STMicroelectronics STR712FR2T6 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
STR71xF - INTRODUCTION
28/49
Figure 7. Mapping of Flash Memory Versions
Table 8. RAM Memory Mapping
Part Number
RAM Size
Start Address
End Address
STR715FR0xx
STR711FR0xx
STR712FR0xx
16 Kbytes
0x2000 0000
0x2000 3FFF
STR710FZ1xx
STR711FR1xx
STR712FR1xx
32 Kbytes
0x2000 0000
0x2000 7FFF
STR710F72xx
STR711FR2xx
STR712FR2xx
64 Kbytes
0x2000 0000
0x2000 FFFF
B0F0
B0F4
reserved
reserved
B1F0
0x4000 0000
8K
8K
32K
64K
64K
64K
FLASH Memory Space
64 Kbytes + 16K RWW + regs
0x4000 4000
0x4000 6000
0x4001 0000
0x4002 0000
0x4003 0000
reserved
0x400C 0000
0x400C 4000
0x4010 0000
reserved
8K
B1F1
0x400C 2000
reserved
0x4004 0000
8K
0x4010 DFBF
20b
FLASH Registers
0x4000 2000
B0F2
B0F1
B0F3
8K
8K
0x4000 8000
B0F0
B0F4
B0F5
reserved
B1F0
0x4000 0000
8K
8K
32K
64K
64K
64K
FLASH Memory Space
128 Kbytes + 16K RWW + regs
0x4000 4000
0x4000 6000
0x4001 0000
0x4002 0000
0x4003 0000
reserved
0x400C 0000
0x400C 4000
0x4010 0000
reserved
8K
B1F1
0x400C 2000
reserved
0x4004 0000
8K
0x4010 DFBF
20b
FLASH Registers
0x4000 2000
B0F2
B0F1
B0F3
8K
8K
0x4000 8000
B0F0
B0F4
B0F5
B0F6
B1F0
0x4000 0000
8K
8K
32K
64K
64K
64K
FLASH Memory Space
256 Kbytes + 16K RWW + regs
0x4000 4000
0x4000 6000
0x4001 0000
0x4002 0000
0x4003 0000
B0F7
0x400C 0000
0x400C 4000
0x4010 0000
reserved
8K
B1F1
0x400C 2000
reserved
0x4004 0000
8K
0x4010 DFBF
20b
FLASH Registers
0x4000 2000
B0F2
B0F1
B0F3
8K
8K
0x4000 8000
STR715FR0xx
STR711FR0xx
STR712FR0xx
STR711FR1xx
STR712FR1xx
STR710F72xx
STR711FR2xx
STR712FR2xx
STR710FZ1xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com