Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR2T6 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STR712FR2T6
Description  ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR2T6 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STR712FR2T6 Datasheet HTML 40Page - STMicroelectronics STR712FR2T6 Datasheet HTML 41Page - STMicroelectronics STR712FR2T6 Datasheet HTML 42Page - STMicroelectronics STR712FR2T6 Datasheet HTML 43Page - STMicroelectronics STR712FR2T6 Datasheet HTML 44Page - STMicroelectronics STR712FR2T6 Datasheet HTML 45Page - STMicroelectronics STR712FR2T6 Datasheet HTML 46Page - STMicroelectronics STR712FR2T6 Datasheet HTML 47Page - STMicroelectronics STR712FR2T6 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
STR71xF - PACKAGE CHARACTERISTICS
44/49
3 PACKAGE CHARACTERISTICS
3.1 Package Mechanical Data
Figure 18. 64-Pin Thin Quad Flat Package (10x10)
Figure 19. 144-Pin Thin Quad Flat Package
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
1.60
0.063
A1
0.05
0.15 0.002
0.006
A2
1.35
1.40
1.45 0.053 0.055 0.057
b
0.17
0.22
0.27 0.007 0.009 0.011
c
0.09
0.20 0.004
0.008
D
12.00
0.472
D1
10.00
0.394
E
12.00
0.472
E1
10.00
0.394
e
0.50
0.020
θ
0°
3.5°
7°
0°
3.5°
7°
L
0.45
0.60
0.75 0.018 0.024 0.030
L1
1.00
0.039
Number of Pins
N
64
A
A2
A1
c
h
L1
L
E
E1
D
D1
e
b
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
1.60
0.063
A1
0.05
0.15 0.002
0.006
A2
1.35
1.40
1.45 0.053
0.057
b
0.17
0.22
0.27 0.007
0.011
c
0.09
0.20 0.004
0.008
D
21.80 22.00 22.20 0.858 0.867 0.874
D1
19.80 20.00 20.20 0.780 0.787 0.795
D3
17.50
0.699
E
21.80 22.00 22.20 0.858 0.867 0.874
E1
19.80 20.00 20.20 0.780 0.787 0.795
E3
17.50
0.699
e
0.50
0.020
K
0°
3.5°
7°
0°
3.5°
7°
L
0.45
0.60
0.75 0.018 0.024 0.030
L1
1.00
0.039
Number of Pins
N
144
A
A2
A1
b
c
36
37
72
73
108
109
144
E1
E
D1
D
1
h
b
L
L1
Seating Plane
0.10mm
.004 in.
e
E3
D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com