Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR2T6 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STR712FR2T6
Description  ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR2T6 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STR712FR2T6 Datasheet HTML 33Page - STMicroelectronics STR712FR2T6 Datasheet HTML 34Page - STMicroelectronics STR712FR2T6 Datasheet HTML 35Page - STMicroelectronics STR712FR2T6 Datasheet HTML 36Page - STMicroelectronics STR712FR2T6 Datasheet HTML 37Page - STMicroelectronics STR712FR2T6 Datasheet HTML 38Page - STMicroelectronics STR712FR2T6 Datasheet HTML 39Page - STMicroelectronics STR712FR2T6 Datasheet HTML 40Page - STMicroelectronics STR712FR2T6 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
STR71xF - ELECTRICAL CHARACTERISTICS
37/49
2.9 Flash Electrical characteristics
V33 = 3.3 ± 10%, TA = -40 / 85 °C unless otherwise specified.
Table 19. Flash Program/Erase Characteristics 1
Note
C0: TA = 85 °C after 0 cycles
Cmax: TA = 85 °C after max number of cycles
Table 20. Flash Program/Erase Characteristics 2
Symbol
Parameter
Test Conditions
Value
Unit
Typ
Max(C0) Max(Cmax)
tPW
Word Program
40
µs
tPDW
Double Word Program
60
µs
tPB0
Bank 0 Program (256K)
Double Word Program
1.6
2.1
4.3
s
tPB1
Bank 1 Program (16K)
Double Word Program
130
170
300
ms
tES
Sector Erase (64K)
Not preprogrammed
Preprogrammed
2.3
1.9
4.0
3.3
4.9
4.1
s
tES
Sector Erase (8K)
Not preprogrammed
Preprogrammed
0.7
0.6
1.1
1.0
1.36
1.26
s
tES
Bank 0 Erase (256K)
Not preprogrammed
Preprogrammed
8.0
6.6
13.7
11.2
17.2
14.0
s
tES
Bank 1 Erase (16K)
Not preprogrammed
Preprogrammed
0.9
0.8
1.5
1.3
1.87
1.66
s
tRPD
Recovery from Power-Down
20
µs
tPSL
Program Suspend Latency
10
µs
tESL
Erase Suspend Latency
300
µs
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
Endurance
10
kcycles
Endurance (Bank1 sectors)
100
kcycles
Data Retention
20
Years
tESR
Erase Suspend Rate
Min time from Erase
Resume to next Erase
Suspend
20
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com