Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR2T6 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STR712FR2T6
Description  ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR2T6 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STR712FR2T6 Datasheet HTML 41Page - STMicroelectronics STR712FR2T6 Datasheet HTML 42Page - STMicroelectronics STR712FR2T6 Datasheet HTML 43Page - STMicroelectronics STR712FR2T6 Datasheet HTML 44Page - STMicroelectronics STR712FR2T6 Datasheet HTML 45Page - STMicroelectronics STR712FR2T6 Datasheet HTML 46Page - STMicroelectronics STR712FR2T6 Datasheet HTML 47Page - STMicroelectronics STR712FR2T6 Datasheet HTML 48Page - STMicroelectronics STR712FR2T6 Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
STR71xF - PACKAGE CHARACTERISTICS
46/49
3.2 Thermal Characteristics
The average chip-junction temperature, TJ, in degrees Celsius, may be calculated using the
following equation:
TJ = TA + (PD x ΘJA)(1)
Where:
–TA is the Ambient Temperature in °C,
–
ΘJA is the Package Junction-to-Ambient Thermal Resistance, in °C/W,
–PD is the sum of PINT and PI/O (PD = PINT + PI/O),
–PINT is the product of IDD and VDD, expressed in Watts. This is the Chip Internal Power.
–PI/O represents the Power Dissipation on Input and Output Pins;
Most of the time for the applications PI/O< PINT and may be neglected. On the other hand,
PI/O may be significant if the device is configured to drive continuously external modules and/
or memories.
An approximate relationship between PD and TJ (if PI/O is neglected) is given by:
PD = K / (TJ + 273°C)
(2)
Therefore (solving equations 1 and 2):
K = PD x (TA + 273°C) + ΘJA x PD
2
(3)
where:
– K is a constant for the particular part, which may be determined from equation (3) by meas-
uring PD (at equilibrium) for a known TA. Using this value of K, the values of PD and TJ may
be obtained by solving equations (1) and (2) iteratively for any value of TA.
Table 24. Thermal characteristics
Symbol
Parameter
Value
Unit
Θ
JA
Thermal Resistance Junction-Ambient
TQFP 144 - 20 x 20 mm / 0.5 mm pitch
42
°C/W
Θ
JA
Thermal Resistance Junction-Ambient
TQFP 64 - 10 x 10 mm / 0.5 mm pitch
45
°C/W
Θ
JA
Thermal Resistance Junction-Ambient
LFBGA 64 - 8 x 8 x 1.7mm
TBD
°C/W
Θ
JA
Thermal Resistance Junction-Ambient
LFBGA 144 - 10 x 10 x 1.7mm
TBD
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com